Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R47MS Datasheet(PDF) 14 Page - Texas Instruments

Part # PIFE32251B-R47MS
Description  PMIC for Intel Apollo Lake Platform
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R47MS Datasheet(HTML) 14 Page - Texas Instruments

Back Button PIFE32251B-R47MS Datasheet HTML 10Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 11Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 12Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 13Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 14Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 15Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 16Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 17Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 96 page
background image
14
TPS65094
SWCS133C – SEPTEMBER 2015 – REVISED FEBRUARY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS65094
Specifications
Copyright © 2015–2019, Texas Instruments Incorporated
(1)
Frequency of transient load current ranges from 0 to 1 MHz with duty cycle of 50%. For cases where duty cycle and frequency are
limited by tr and tf, the highest frequency is set by 1 / (tr + tf), where tr is rise time (0% to 100%) and tf is fall time (100% to 0%).
5.7
Electrical Characteristics: Buck Controllers
over recommended input voltage range, TA = –40°C to +85°C and TA = 25°C for typical values (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
BUCK1
VIN
Power input voltage for
external HSD FET
5.6
13
21
V
VOUT
DC output voltage
Step size
10
mV
BUCK1_VID[6:0] = 0000000
0
V
BUCK1_VID[6:0] = 0000001
0.5
BUCK1_VID[6:0] = 0000010
0.51
⋮
⋮
BUCK1_VID[6:0] = 0110011 (default)
1.00
⋮
⋮
BUCK1_VID[6:0] = 1110101
1.66
BUCK1_VID[6:0] = 1110110–1111111
1.67
DC output voltage
accuracy
VOUT ≥ 1 V, IOUT = 100 mA to 5 A
–2%
2%
VOUT = 0.75 V, IOUT = 100 mA to 2.1 A
–2.5%
2.5%
VOUT ≤ 0.6 V, IOUT = 10 mA
–3.5%
3.5%
Total output voltage
accuracy (DC + ripple) in
DCM
IOUT = 10 mA, VOUT ≤ 0.785 V, VSYS = 13 V
–20
40
mV
IOUT = 10 mA, VOUT ≤ 0.785 V, VSYS = 21 V
–20
55
SR(VOUT)
Output DVS slew rate
2.5
3.125
mV/µs
ILIM_LSD
Low-side output valley
current limit accuracy
(programmed by external
resistor RLIM)
See Section 6.3.3.4, Current Limit, for details.
–15%
15%
VTH_ZC
Low-side current zero
crossing detection
threshold
–11
11
mV
ILIMREF
Source current out of
ILIM1 pin
T = 25°C
45
50
55
µA
VLIM
Voltage at ILIM1 pin
VLIM = RLIM × ILIMREF
0.2
2.25
V
ΔVOUT/ΔVIN
Line regulation
VOUT ≥ 1 V, IOUT = 5 A
–0.5%
0.5%
ΔVOUT/ΔIOUT
Load regulation
VIN = 13 V, VOUT ≥ 1 V,
IOUT = 0 A to 5 A,
referenced to VOUT at IOUT = 5 A
0%
1%
ΔVOUT_TR
(1)
Load transient regulation
DC + AC at sense point, VIN = 13 V,
VOUT = 1.00 V,
IOUT = 1.5 A to 5 A and 5 A to 1.5 A with 1 µs of
tr and tf
–50
50
mV
DC + AC at sense point, VIN = 13 V,
VOUT = 0.75 V,
IOUT = 0.3 A to 1.5 A and 1.5 A to 0.3 A with 1 µs
of tr and tf
VTH_PG
Power Good deassertion
threshold in percentage
of target VOUT
VOUT rising
108%
VOUT falling
92%
VTH_HYS_PG
Power Good reassertion
hysteresis entering back
into VTH_PG
VOUT rising or falling
3%
COUT
External output
capacitance
Recommended amount to meet transient
specification
180
220
µF
LSW
External output
inductance
0.376
0.47
0.564
µH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com