Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R47MS Datasheet(PDF) 74 Page - Texas Instruments

Part # PIFE32251B-R47MS
Description  PMIC for Intel Apollo Lake Platform
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R47MS Datasheet(HTML) 74 Page - Texas Instruments

Back Button PIFE32251B-R47MS Datasheet HTML 70Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 71Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 72Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 73Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 74Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 75Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 76Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 77Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 78Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 96 page
background image
Controller
DRVHx
DRVLx
BOOT1
SWx
FBVOUTx
<FBGND2>
(1)
PGNDSNSx
VOUT
VSYS
LOUT
ILIMx
DRV5V_x_x
LDO5V
Control
from SOC
PowerPAD
TM
COUT
RILIM
Copyright © 2017, Texas Instruments Incorporated
74
TPS65094
SWCS133C – SEPTEMBER 2015 – REVISED FEBRUARY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS65094
Application and Implementation
Copyright © 2015–2019, Texas Instruments Incorporated
7.2.1
Design Requirements
The TPS65094x device requires decoupling capacitors on the supply pins. Follow the values for
recommended capacitance on these supplies given in the Specifications section. The controllers,
converter, LDOs, and some other features can be adjusted to meet specific application requirements.
Section 7.2.2, Detailed Design Procedure, describes how to design and adjust the external components to
achieve desired performance.
7.2.2
Detailed Design Procedure
7.2.2.1
Controller Design Procedure
Designing the controller can be divided into the following steps:
1. Design the output filter.
2. Select the FETs.
3. Select the bootstrap capacitor.
4. Select the input capacitors.
5. Set the current limits.
Figure 7-2 shows a diagram of the controller. Controllers BUCK1, BUCK2, and BUCK6 require a 5-V
supply and capacitors at their corresponding DRV5V_x_x pins. For most applications, the DRV5V_x_x
input must come from the LDO5P0 pin to ensure uninterrupted supply voltage; a 2.2-µF, X5R, 20%, 10-V,
or similar capacitor must be used for decoupling.
Figure 7-2. Controller Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com