Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R47MS Datasheet(PDF) 37 Page - Texas Instruments

Part # PIFE32251B-R47MS
Description  PMIC for Intel Apollo Lake Platform
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R47MS Datasheet(HTML) 37 Page - Texas Instruments

Back Button PIFE32251B-R47MS Datasheet HTML 33Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 34Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 35Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 36Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 37Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 38Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 39Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 40Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 96 page
background image
VID
Number of
Steps × 3 µs
VOUT
200 µs
Load and Time
Dependent
VID
Number of Steps × 3 µs
VOUT
37
TPS65094
www.ti.com
SWCS133C – SEPTEMBER 2015 – REVISED FEBRUARY 2019
Submit Documentation Feedback
Product Folder Links: TPS65094
Detailed Description
Copyright © 2015–2019, Texas Instruments Incorporated
6.3.3.3
DVS
BUCK1–BUCK6 and LDOA1–3 support dynamic voltage scaling (DVS) for maximum system efficiency.
The VR outputs can slew up and down in either 10-mV or 25-mV steps using the 7-bit voltage ID (VID)
defined in Section 5.7, Electrical Characteristics: Buck Controllers, and Section 5.8, Electrical
Characteristics: Synchronous Buck Converters. DVS slew rate is minimum 2.5 mV/µs. To meet the
minimum slew rate, VID progresses to the next code at 3-µs (nom) interval per 10-mV step. When DVS is
active, the VR is forced into PWM mode to ensure the output keeps track of VID code with minimal delay.
Additionally, PGOOD is masked when DVS is in progress. Figure 6-5 shows an example of slew down
and up from one VID to another.
Figure 6-5. DVS Timing Diagram I
As shown in Figure 6-6, if a BUCKx_VID[6:0] is set to 7b000 0000, the output voltage slews down to 0.5 V
first, and then drifts down to 0 V as the SMPS stops switching. Subsequently, if a BUCKx_VID[6:0] is set
to a value (neither 7b000 0000 nor 7b000 0001) when the output voltage is less than 0.5 V, the VR ramps
up to 0.5 V first with soft-start kicking in, then it slews up to the target voltage in the aforementioned slew
rate.
NOTE
A fixed 200 µs of soft-start time is reserved for VOUT to reach 0.5 V. In this case, however,
the SMPS is not forced into PWM mode because it otherwise could cause VOUT to droop
momentarily if VOUT is drifting above 0.5 V for any reason.
Figure 6-6. DVS Timing Diagram II



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com