Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R47MS Datasheet(PDF) 82 Page - Texas Instruments

Part # PIFE32251B-R47MS
Description  PMIC for Intel Apollo Lake Platform
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R47MS Datasheet(HTML) 82 Page - Texas Instruments

Back Button PIFE32251B-R47MS Datasheet HTML 78Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 79Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 80Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 81Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 82Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 83Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 84Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 85Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 86Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 96 page
background image
82
TPS65094
SWCS133C – SEPTEMBER 2015 – REVISED FEBRUARY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS65094
Power Supply Recommendations
Copyright © 2015–2019, Texas Instruments Incorporated
7.4
Do's and Don'ts
•
Connect the LDO5V output to the DRV5V_x_x inputs for situations where an external 5-V supply is not
initially available or is not available the entire time PMIC is on. If the external 5-V supply is always
present, then DRV5V_x_x can be directly connected to remove the V5ANA-to-LDO5P0 load switch
RDSON.
•
Ensure that none of the control pins are potentially floating.
•
Include 0-Ω resistors on the DRVH and BOOT pins of controllers on prototype boards, which allows for
slowing the controllers if the system is unable to handle the noise generated by the large switching or if
switching voltage is too large due to layout.
•
Do not connect the V5ANA power input to a different source other than PVINx. A mismatch here
causes reference circuits to regulate incorrectly.
•
Do not supply the V5ANA power input before the VSYS. Reference biasing of the internal FETs may
turn on the HS FET and pass the input to the output until VSYS is biased.
8
Power Supply Recommendations
This device is designed to work with several different input voltages. The minimum voltage on the VSYS
pin is 5.6 V for the device to start up; however, this is a low-power rail. The input to the FETs must be
from 5.4 V to 21 V as long as the proper BOM choices are made. Input to the converters must be
5 V. For the device to output maximum power, the input power must be sufficient. For the controllers, VIN
must be able to supply up to 5 A (typically), though less is acceptable with higher voltages or less usage.
For the converters, PVINx must be able to supply 2 A (typically).
A best practice here is to determine power usage by the system and back-calculate the necessary power
input based on expected efficiency values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com