Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R47MS Datasheet(PDF) 23 Page - Texas Instruments

Part # PIFE32251B-R47MS
Description  PMIC for Intel Apollo Lake Platform
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R47MS Datasheet(HTML) 23 Page - Texas Instruments

Back Button PIFE32251B-R47MS Datasheet HTML 19Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 20Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 21Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 22Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 23Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 24Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 25Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 26Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 96 page
background image
23
TPS65094
www.ti.com
SWCS133C – SEPTEMBER 2015 – REVISED FEBRUARY 2019
Submit Documentation Feedback
Product Folder Links: TPS65094
Specifications
Copyright © 2015–2019, Texas Instruments Incorporated
Electrical Characteristics: LDOs (continued)
over recommended input voltage range, TA = –40°C to +85°C and TA = 25°C for typical values (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LDOA3
VIN
Power input voltage
VOUT +
VDROP
(1)
1.8
1.98
V
VOUT
DC output voltage in normal
operating mode
LDOA3_VID[3:0] = 0000 (TPS650944 default)
0.7
V
LDOA3_VID[3:0] = 0001
0.75
LDOA3_VID[3:0] = 0010
0.8
LDOA3_VID[3:0] = 0011
0.85
LDOA3_VID[3:0] = 0100
0.9
LDOA3_VID[3:0] = 0101
0.95
LDOA3_VID[3:0] = 0110
1
LDOA3_VID[3:0] = 0111
1.05
LDOA3_VID[3:0] = 1000
1.1
LDOA3_VID[3:0] = 1001
1.15
LDOA3_VID[3:0] = 1010
1.2
LDOA3_VID[3:0] = 1011 (TPS650940,
TPS650941, and TPS650942 default)
1.25
LDOA3_VID[3:0] = 1100
1.3
LDOA3_VID[3:0] = 1101
1.35
LDOA3_VID[1:0] = 1110
1.4
LDOA3_VID[1:0] = 1111
1.5
VOUT
DC output voltage accuracy
IOUT = 0 to 600 mA
–2%
3%
IOUT
DC output current
600
mA
IOCP
Overcurrent protection
Measured with output shorted to ground
0.65
1.25
A
VDROP
Dropout voltage
VOUT = 0.99 × VOUT_NOM,
IOUT = 600 mA
350
mV
ΔVOUT/ΔVIN
Line regulation
IOUT = 300 mA
–0.5%
0.5%
ΔVOUT/ΔIOUT
Load regulation
IOUT = 10 mA to 600 mA
–2%
2%
VTH_PG
Power Good assertion threshold
in percentage of target VOUT
VOUT rising
108%
VOUT falling
92%
VTH_HYS_PG
Power Good deassertion
hysteresis
VOUT falling
3%
IQ
Quiescent current
IOUT = 0 A
20
µA
PSRR
Power supply rejection ratio
f = 1 kHz, VIN = 1.8 V,
VOUT = 1.2 V,
IOUT = 300 mA,
COUT = 2.2 µF to 4.7 µF
48
dB
f = 10 kHz, VIN = 1.8 V,
VOUT = 1.2 V,
IOUT = 300 mA,
COUT = 2.2 µF to 4.7 µF
30
COUT
External output capacitance
2.2
4.7
10
µF
ESR
100
mΩ
RDIS
Output auto-discharge resistance
LDOA3_DIS[1:0] = 01
80
Ω
LDOA3_DIS[1:0] = 10
180
LDOA3_DIS[1:0] = 11
475



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com