Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R47MS Datasheet(PDF) 28 Page - Texas Instruments

Part # PIFE32251B-R47MS
Description  PMIC for Intel Apollo Lake Platform
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R47MS Datasheet(HTML) 28 Page - Texas Instruments

Back Button PIFE32251B-R47MS Datasheet HTML 24Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 25Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 26Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 27Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 28Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 29Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 30Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 31Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 96 page
background image
Output Load (A)
0
0.25
0.5
0.75
1
1.25
1.5
83%
84%
85%
86%
87%
88%
89%
90%
91%
92%
D004
PVIN = 4.5 V
PVIN = 5 V
PVIN = 5.5 V
Output Load (A)
0
0.25
0.5
0.75
1
1.25
1.5
80%
81%
82%
83%
84%
85%
86%
87%
88%
89%
90%
D005
PVIN = 4.5 V
PVIN = 5 V
PVIN = 5.5 V
Output Load (A)
0
1
2
3
4
5
6
7
76%
78%
80%
82%
84%
86%
88%
90%
92%
D011
VSYS = 5.4 V
VSYS = 13 V
VSYS = 18 V
Output Load (A)
0
0.5
1
1.5
2
2.5
3
69%
71%
73%
75%
77%
79%
81%
83%
85%
87%
89%
91%
D003
PVIN = 4.5 V
PVIN = 5 V
PVIN = 5.5 V
Output Load (A)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
68%
70%
72%
74%
76%
78%
80%
82%
84%
86%
88%
D001
VSYS = 5.4 V
VSYS = 13 V
VSYS = 18 V
Output Load (A)
0
3
6
9
12
15
18
21
70%
72%
74%
76%
78%
80%
82%
84%
86%
88%
D002
VSYS = 5.4 V
VSYS = 13 V
VSYS = 18 V
28
TPS65094
SWCS133C – SEPTEMBER 2015 – REVISED FEBRUARY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS65094
Specifications
Copyright © 2015–2019, Texas Instruments Incorporated
5.16 Typical Characteristics
Figure 5-1. BUCK1 (VNN) Efficiency at VOUT = 1 V
Figure 5-2. BUCK2 (VCCGI) Efficiency at VOUT = 1 V
Figure 5-3. BUCK6 (VDDQ) Efficiency at VOUT = 1.2 V
Figure 5-4. BUCK3 (VCCRAM) Efficiency at VOUT = 1.05 V
Figure 5-5. BUCK4 (V1P8A) Efficiency at VOUT = 1.8 V
Figure 5-6. BUCK5 (V1P24A) Efficiency at VOUT = 1.24 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com