Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R47MS Datasheet(PDF) 21 Page - Texas Instruments

Part # PIFE32251B-R47MS
Description  PMIC for Intel Apollo Lake Platform
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R47MS Datasheet(HTML) 21 Page - Texas Instruments

Back Button PIFE32251B-R47MS Datasheet HTML 17Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 18Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 19Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 20Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 21Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 22Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 23Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 24Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 96 page
background image
21
TPS65094
www.ti.com
SWCS133C – SEPTEMBER 2015 – REVISED FEBRUARY 2019
Submit Documentation Feedback
Product Folder Links: TPS65094
Specifications
Copyright © 2015–2019, Texas Instruments Incorporated
5.9
Electrical Characteristics: LDOs
over recommended input voltage range, TA = –40°C to +85°C and TA = 25°C for typical values (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LDOA1
VIN
Input voltage
4.5
5
5.5
V
VOUT
DC output voltage
IOUT = 10 mA, LDOA1_SEL[3:0] = 0000
1.35
V
LDOA1_SEL[3:0] = 0001
1.5
LDOA1_SEL[3:0] = 0010
1.6
LDOA1_SEL[3:0] = 0011
1.7
LDOA1_SEL[3:0] = 0100 (TPS650944 default)
1.8
LDOA1_SEL[3:0] = 0101
1.9
LDOA1_SEL[3:0] = 0110
2
LDOA1_SEL[3:0] = 0111
2.1
LDOA1_SEL[3:0] = 1000
2.3
LDOA1_SEL[3:0] = 1001
2.4
LDOA1_SEL[3:0] = 1010
2.5
LDOA1_SEL[3:0] = 1011
2.7
LDOA1_SEL[3:0] = 1100
2.85
LDOA1_SEL[3:0] = 1101
3
LDOA1_SEL[3:0] = 1110 (TPS650940,
TPS650941, and TPS650942 default)
3.3
VOUT
Accuracy
IOUT = 0 to 200 mA
–2%
2%
IOUT
DC output current
200
mA
ΔVOUT/ΔVIN
Line regulation
IOUT = 40 mA
–0.5%
0.5%
ΔVOUT/ΔIOUT
Load regulation
IOUT = 10 mA to 200 mA
–2%
2%
IOCP
Overcurrent protection
VIN = 5 V, Measured with output shorted to
ground
500
mA
VTH_PG
Power Good deassertion
threshold in percentage of target
VOUT
VOUT rising
108%
VOUT falling
92%
VTH_HYS_PG
Power Good reassertion
hysteresis entering back into
VTH_PG
VOUT rising or falling
3%
IQ
Quiescent current
IOUT = 0 A
23
µA
COUT
External output capacitance
2.7
4.7
10
µF
ESR
100
mΩ
RDIS
Output auto-discharge resistance
LDOA1_DIS[1:0] = 01
100
Ω
LDOA1_DIS[1:0] = 10
190
LDOA1_DIS[1:0] = 11
450



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com