Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R47MS Datasheet(PDF) 53 Page - Texas Instruments

Part # PIFE32251B-R47MS
Description  PMIC for Intel Apollo Lake Platform
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R47MS Datasheet(HTML) 53 Page - Texas Instruments

Back Button PIFE32251B-R47MS Datasheet HTML 49Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 50Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 51Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 52Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 53Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 54Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 55Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 56Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 96 page
background image
53
TPS65094
www.ti.com
SWCS133C – SEPTEMBER 2015 – REVISED FEBRUARY 2019
Submit Documentation Feedback
Product Folder Links: TPS65094
Detailed Description
Copyright © 2015–2019, Texas Instruments Incorporated
6.6
Register Maps
Default value of RESERVED R/W bits must not be written to the opposite value.
6.6.1
VENDORID: PMIC Vendor ID Register (offset = 00h) [reset = 0010 0010]
Figure 6-19. VENDORID Register (offset = 00h) [reset = 0010 0010]
Bit
7
6
5
4
3
2
1
0
Bit Name
VENDORID[7]
VENDORID[6]
VENDORID[5]
VENDORID[4]
VENDORID[3]
VENDORID[2]
VENDORID[1]
VENDORID[0]
TPS65094x
0
0
1
0
0
0
1
0
Access
R
R
R
R
R
R
R
R
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 6-12. VENDORID Register Field Descriptions
Bit
Field
Type Reset
Description
7–0
VENDORID[7:0]
R
00100010
Vendor identification register
6.6.2
DEVICEID: PMIC Device and Revision ID Register (offset = 01h) [reset = OTP Dependent]
Figure 6-20. DEVICEID Register (offset = 01h) [reset = OTP Dependent]
Bit
7
6
5
4
3
2
1
0
Bit Name
REVID[1]
REVID[0]
OTP_
VERSION[1]
OTP_
VERSION[0]
PART_
NUMBER[3]
PART_
NUMBER[2]
PART_
NUMBER[1]
PART_
NUMBER[0]
TPS650940
0
0
0
0
1
0
0
0
TPS650941
0
0
1
0
1
0
0
1
TPS650942
0
0
0
1
1
0
1
0
TPS650944
0
0
0
0
1
1
0
0
TPS650945
0
0
0
0
1
1
0
1
Access
R
R
R
R
R
R
R
R
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 6-13. DEVICEID Register Field Descriptions
Bit
Field
Type Reset
Description
7–6
REVID[1:0]
R
OTP
Silicon revision ID
5–4
OTP_VERSION[1:0]
R
OTP
OTP variation ID
00: A
01: B
10: C
11: D
3–0
PART_NUMBER[3:0]
R
OTP
Device part number ID
1000: TPS650940
1001: TPS650941
1010: TPS650942
1011: TPS650943
1100: TPS650944
1101: TPS650945
1110: TPS650946
1111: TPS650947
0000: TPS650948



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com