Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R47MS Datasheet(PDF) 83 Page - Texas Instruments

Part # PIFE32251B-R47MS
Description  PMIC for Intel Apollo Lake Platform
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R47MS Datasheet(HTML) 83 Page - Texas Instruments

Back Button PIFE32251B-R47MS Datasheet HTML 79Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 80Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 81Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 82Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 83Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 84Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 85Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 86Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 96 page
background image
BUCK2
BUCK3
BUCK5
BUCK4
BUCK1
BUCK6
VTT
VREF Capacitor
83
TPS65094
www.ti.com
SWCS133C – SEPTEMBER 2015 – REVISED FEBRUARY 2019
Submit Documentation Feedback
Product Folder Links: TPS65094
Layout
Copyright © 2015–2019, Texas Instruments Incorporated
9
Layout
9.1
Layout Guidelines
For a detailed description regarding layout recommendations, refer to the TPS65094x Design Guide and
to the TPS65094x Schematic Checklist, Layout Checklist, and ILIM Calculator Tool. For all switching
power supplies, the layout is an important step in the design, especially at high peak currents and high
switching frequencies. If the layout is not carefully done, the regulator can have stability problems and EMI
issues. Therefore, use wide and short traces for the main current path and for the power ground tracks.
The input capacitors, output capacitors, and inductors must be placed as close as possible to the device.
Use a common-ground node for power ground and use a different, isolated node for control ground to
minimize the effects of ground noise. Connect these ground nodes close to the AGND pin by one or two
vias. Use of the design guide is highly encouraged in addition to the following list of other basic
requirements:
•
Do not allow the AGND, PGNDSNSx, or FBGND2 to connect to the thermal pad on the top layer.
•
To ensure proper sensing based on FET RDSON, PGNDSNSx must not connect to PGND until very
close to the PGND pin of the FET.
•
All inductors, input/output capacitors, and FETs for the converters and controller must be on the same
board layer as the device.
•
To achieve the best regulation performance, place feedback connection points near the output
capacitors and minimize the control feedback loop as much as possible.
•
Bootstrap capacitors must be placed close to the device.
•
The input and output capacitors of the internal reference regulators must be placed close to the device
pins.
•
Route DRVHx and SWx as a differential pair. Ensure that there is a PGND path routed in parallel with
DRVLx, which provides optimal driver loops.
9.2
Layout Example
Figure 9-1. EVM Layout Example With All Components on the Top Layer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com