Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R47MS Datasheet(PDF) 78 Page - Texas Instruments

Part # PIFE32251B-R47MS
Description  PMIC for Intel Apollo Lake Platform
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R47MS Datasheet(HTML) 78 Page - Texas Instruments

Back Button PIFE32251B-R47MS Datasheet HTML 74Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 75Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 76Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 77Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 78Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 79Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 80Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 81Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 82Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 96 page
background image
IN
OUT
OUT
L(MAX)
OUT(MAX)
IN
sw
(V
V
)
V
I
I
2
V
f
L
u
u
u
u
OUT
IN
OUT
IN
sw
OUT(MAX)
IND
V
(V
V
)
L
V
f
I
K
u
u
u
u
78
TPS65094
SWCS133C – SEPTEMBER 2015 – REVISED FEBRUARY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS65094
Application and Implementation
Copyright © 2015–2019, Texas Instruments Incorporated
7.2.2.2.1 Selecting the Inductor
An inductor must be placed between the external FETs and the output capacitors. Together, the inductor
and output capacitors form a double-pole in the control loop that contributes to stability. In addition, the
inductor is responsible for the output ripple, efficiency, and transient performance. When the inductance
increases, the ripple current decreases, which typically results in an increase in efficiency. However, with
an increase in inductance, the transient performance decreases. Finally, the inductor selected must be
rated for appropriate saturation current, core losses, and DCR.
NOTE
Internal parameters for the converters are optimized for a 0.47-µH inductor; however, it is
possible to use other inductor values as long as they are chosen carefully and thoroughly
tested.
Equation 5 shows the calculation for the recommended inductance for the converter.
where
•
VOUT is the typical output voltage.
•
VIN is the typical input voltage.
•
fSW is the typical switching frequency.
•
IOUT(MAX) is the maximum load current.
•
KIND is the ratio of ILripple to the IOUT(MAX). For this application, TI recommends that KIND is set to a value
from 0.2 to 0.4.
(5)
With the chosen inductance value and the peak current for the inductor in steady state operation, IL(MAX)
can be calculated using Equation 6. The rated saturation current of the inductor must be higher than the
IL(MAX) current.
(6)
Following these equations, Table 7-2 lists the preferred inductor selected for the converters.
Table 7-2. Recommended Inductors
MANUFACTURER
PART NUMBER
VALUE
SIZE
HEIGHT
Cyntec
PIFE32251B-R47MS
0.47 µH
3.2 mm × 2.5 mm
1.2 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com