Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R47MS Datasheet(PDF) 63 Page - Texas Instruments

Part # PIFE32251B-R47MS
Description  PMIC for Intel Apollo Lake Platform
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R47MS Datasheet(HTML) 63 Page - Texas Instruments

Back Button PIFE32251B-R47MS Datasheet HTML 59Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 60Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 61Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 62Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 63Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 64Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 65Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 66Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 96 page
background image
63
TPS65094
www.ti.com
SWCS133C – SEPTEMBER 2015 – REVISED FEBRUARY 2019
Submit Documentation Feedback
Product Folder Links: TPS65094
Detailed Description
Copyright © 2015–2019, Texas Instruments Incorporated
6.6.23 VR_CTRL1: BUCK1-3 Control Register (offset = 9Ch) [reset = 0000 0111]
Figure 6-41. VR_CTRL1 Register (offset = 9Ch) [reset = 0000 0111]
Bit
7
6
5
4
3
2
1
0
Bit Name
RESERVED
RESERVED
BUCK3_MODE
BUCK2_MODE
BUCK1_MODE
BUCK3_
DISABLEB
BUCK2_
DISABLEB
BUCK1_
DISABLEB
TPS650940,
TPS650941,
TPS650942, and
TPS650944
0
0
0
0
0
1
1
1
TPS650945
0
0
1
0
0
1
1
1
Access
R
R
R/W
R/W
R/W
R/W
R/W
R/W
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 6-34. VR_CTRL1 Register Field Descriptions
Bit
Field
Type
Reset
Description
5
BUCK3_MODE
R/W
0
This field sets the BUCK3 regulator operating mode.
0 = Automatic mode
1 = Forced PWM mode
4
BUCK2_MODE
R/W
0
This field sets the BUCK2 regulator operating mode.
0 = Automatic mode
1 = Forced PWM mode
3
BUCK1_MODE
R/W
0
This field sets the BUCK1 regulator operating mode.
0 = Automatic mode
1 = Forced PWM mode
2
BUCK3_DISABLEB
R/W
1
BUCK3 Active Low Disable bit. Writing 0 to this bit forces BUCK3 to turn off
regardless of status of enable pins (PMICEN, SLP_Sx). Has priority over
BUCK3_EN.
0: Disabled
1: BUCK3 operates normally.
1
BUCK2_DISABLEB
R/W
1
BUCK2 Active Low Disable bit. Writing 0 to this bit forces BUCK2 to turn off
regardless of status of enable pins (PMICEN, SLP_Sx). Has priority over
BUCK2_EN.
0: Disabled
1: BUCK2 operates normally.
0
BUCK1_DISABLEB
R/W
1
BUCK1 Active Low DISABLE bit. Writing 0 to this bit forces BUCK1 to turn off
regardless of status of enable pins (PMICEN, SLP_Sx). Has priority over
BUCK1_EN.
0: Disabled
1: BUCK1 operates normally.
6.6.24 VR_CTRL2: VR Enable Register (offset = 9Eh) [reset = 0000 0000]
Figure 6-42. VR_CTRL2 Register (offset = 9Eh) [reset = 0000 0000]
Bit
7
6
5
4
3
2
1
0
Bit Name
LDOA2_EN
SWA1_EN
BUCK6_EN
BUCK5_EN
BUCK4_EN
BUCK3_EN
BUCK2_EN
BUCK1_EN
TPS65094x
0
0
0
0
0
0
0
0
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 6-35. VR_CTRL2 Register Field Descriptions
Bit
Field
Type
Reset
Description
7
LDOA2_EN
R/W
0
LDOA2 Enable bit.
0: Enabled if LDOLS_EN = 1
1: Enabled regardless of LDOLS_EN state
6
SWA1_EN
R/W
0
SWA1 Enable bit.
0: Enabled if LDOLS_EN pin or SWA1_EN pin = 1
1: Enabled regardless of LDOLS_EN or SWA1_EN state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com