Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R47MS Datasheet(PDF) 29 Page - Texas Instruments

Part # PIFE32251B-R47MS
Description  PMIC for Intel Apollo Lake Platform
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R47MS Datasheet(HTML) 29 Page - Texas Instruments

Back Button PIFE32251B-R47MS Datasheet HTML 25Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 26Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 27Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 28Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 29Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 30Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 31Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 32Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 96 page
background image
29
TPS65094
www.ti.com
SWCS133C – SEPTEMBER 2015 – REVISED FEBRUARY 2019
Submit Documentation Feedback
Product Folder Links: TPS65094
Detailed Description
Copyright © 2015–2019, Texas Instruments Incorporated
(1)
When powered from a 5-V supply through the DRV5V_2_A1 pin. Otherwise, maximum current is limited by maximum IOUT of LDO5.
(2)
For LPDDR3 and LPDDR4 memory, SWB1_2 is configured to V1P8U and controlled by SLP_S4B. For DDR3L memory, SWB1_2 is
configured to either V3P3S or V1P8S and controlled by SLP_S3B.
6
Detailed Description
6.1
Overview
The TPS65094x device provides all the necessary power supplies for the Intel Reference Designs. For an
overview of the different OTP configurations, consult Table 3-1. The following VRs are integrated: three
step-down controllers (BUCK1, BUCK2, and BUCK6), three step-down converters (BUCK3, BUCK4, and
BUCK5), a sink and source LDO (VTT LDO), three low-voltage VIN LDOs (LDOA1–LDOA3), and three
load switches that are managed by power-up sequence logic to provide the proper power rails,
sequencing, and protection. All VRs have a built-in discharge resistor, and the value can be changed by
the DISCHCNT1–DISCHCNT3 and LDOA1_CTRL registers. When enabling a VR, the PMIC automatically
disconnects the discharge resistor for that rail without any I2C command. Table 6-1 summarizes the key
characteristics of the voltage rails.
Table 6-1. Summary of Voltage Regulators
RAIL
TYPE
INPUT VOLTAGE
(V)
OUTPUT VOLTAGE RANGE
(V)
TYPICAL
APPLICATION
CURRENT
(mA)
MIN
MAX
MIN
TYP
MAX
BUCK1 (VNN)
Step-down controller
4.5
21
0.5
1.05
1.67
5000
BUCK2 (VCCGI)
Step-down controller
4.5
21
0.5
1
1.67
21000
BUCK3
(VCCRAM)
Step-down converter
4.5
5.5
0.65
1.05
3.575
3000
BUCK4 (V1P8A)
Step-down converter
4.5
5.5
0.65
1.8
3.575
1500
BUCK5 (V1P24A) Step-down converter
4.5
5.5
0.5
1.24
1.67
1900
BUCK6 (VDDQ)
Step-down controller
4.5
21
0.5
OTP dependent
1.67
7000
LDOA1
LDO
4.5
5.5
1.35
OTP dependent
3.3
200(1)
LDOA2
LDO
1.62
1.98
0.7
OTP dependent
1.5
600
LDOA3
LDO
1.62
1.98
0.7
OTP dependent
1.5
600
SWA1
Load switch
0.5
3.3
300
SWB1_2(2)
Load switch
0.5
3.3
800 (combined)
VTT
Sink and source
LDO
BUCK6 output
VBUCK6 / 2
OTP dependent



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com