Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R47MS Datasheet(PDF) 56 Page - Texas Instruments

Part # PIFE32251B-R47MS
Description  PMIC for Intel Apollo Lake Platform
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R47MS Datasheet(HTML) 56 Page - Texas Instruments

Back Button PIFE32251B-R47MS Datasheet HTML 52Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 53Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 54Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 55Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 56Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 57Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 58Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 59Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 96 page
background image
56
TPS65094
SWCS133C – SEPTEMBER 2015 – REVISED FEBRUARY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS65094
Detailed Description
Copyright © 2015–2019, Texas Instruments Incorporated
6.6.7
BUCK1CTRL: BUCK1 Control Register (offset = 20h) [reset = 0011 1000]
Figure 6-25. BUCK1CTRL Register (offset = 20h) [reset = 0011 1000]
Bit
7
6
5
4
3
2
1
0
Bit Name
RESERVED
BUCK1_VID[6]
BUCK1_VID[5]
BUCK1_VID[4]
BUCK1_VID[3]
BUCK1_VID[2]
BUCK1_VID[1]
BUCK1_VID[0]
TPS65094x
0
0
1
1
1
0
0
0
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 6-18. BUCK1CTRL Register Field Descriptions
Bit
Field
Type Reset
Description
6–0
BUCK1_VID[6:0]
R/W
0111000
(1.05 V)
This field sets the BUCK1 regulator output regulation voltage in normal mode.
Default = 1.05 V. Note that 0 V is a valid setting and all Power Goods stay high
when VID is set to 0x00 and (or) SLP_S0B goes low. See Table 6-3 for full
details.
6.6.8
BUCK2CTRL: BUCK2 Control Register (offset = 21h) [reset = 0000 0000]
Figure 6-26. BUCK2CTRL Register (offset = 21h) [reset = 0000 0000]
Bit
7
6
5
4
3
2
1
0
Bit Name
RESERVED
BUCK2_VID[6]
BUCK2_VID[5]
BUCK2_VID[4]
BUCK2_VID[3]
BUCK2_VID[2]
BUCK2_VID[1]
BUCK2_VID[0]
TPS65094x
0
0
0
0
0
0
0
0
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 6-19. BUCK2CTRL Register Field Descriptions
Bit
Field
Type Reset
Description
6–0
BUCK2_VID[6:0]
R/W
0000000
(0 V)
This field sets the BUCK2 regulator output regulation voltage in normal mode.
Default = 0 V. Note that 0 V is a valid setting and all Power Goods must stay
high when VID is set to 0x00 and (or) SLP_S0B goes low. See Table 6-3 for full
details.
6.6.9
BUCK3CTRL: BUCK3 Control Register (offset = 23h) [reset = 0001 0001]
Figure 6-27. BUCK3CTRL Register (offset = 23h) [reset = 0001 0001]
Bit
7
6
5
4
3
2
1
0
Bit Name
RESERVED
BUCK3_VID[6]
BUCK3_VID[5]
BUCK3_VID[4]
BUCK3_VID[3]
BUCK3_VID[2]
BUCK3_VID[1]
BUCK3_VID[0]
TPS65094x
0
0
0
1
0
0
0
1
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 6-20. BUCK3CTRL Register Field Descriptions
Bit
Field
Type Reset
Description
6–0
BUCK3_VID[6:0]
R/W
0010001
(1.05 V)
This field sets the BUCK3 regulator output regulation voltage in normal mode.
Default = 1.05 V. Note that 0 V is a valid setting and all Power Goods must stay
high when VID is set to 0x00 and (or) SLP_S0B goes low. See Table 6-4 for full
details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com