Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R47MS Datasheet(PDF) 18 Page - Texas Instruments

Part # PIFE32251B-R47MS
Description  PMIC for Intel Apollo Lake Platform
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R47MS Datasheet(HTML) 18 Page - Texas Instruments

Back Button PIFE32251B-R47MS Datasheet HTML 14Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 15Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 16Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 17Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 18Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 19Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 20Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 21Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 96 page
background image
18
TPS65094
SWCS133C – SEPTEMBER 2015 – REVISED FEBRUARY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS65094
Specifications
Copyright © 2015–2019, Texas Instruments Incorporated
(1)
Frequency of transient load current ranges from 0 to 1 MHz with duty cycle of 50%. For cases where duty cycle and frequency are
limited by tr and tf, the highest frequency is set by 1 / (tr + tf), where tr is rise time (0% to 100%) and tf is fall time (100% to 0%).
5.8
Electrical Characteristics: Synchronous Buck Converters
over recommended input voltage range, TA = –40°C to +85°C and TA = 25°C for typical values (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
BUCK3
VIN
Power input voltage
4.5
5
5.5
V
VOUT
DC output voltage
Step size
25
mV
BUCK3_VID[6:0] = 0000000
0
V
BUCK3_VID[6:0] = 0000001
0.65
BUCK3_VID[6:0] = 0000010
0.675
⋮
⋮
BUCK3_VID[6:0] = 0010001 (default)
1.05
⋮
⋮
BUCK3_VID[6:0] = 1110101
3.55
BUCK3_VID[6:0] = 1110110–1111111
3.575
DC output voltage
accuracy
VOUT = 1.05 V, IOUT = 1.5 A
–2%
2%
VOUT = 1.05 V, IOUT = 100 mA
–2.5%
2.5%
SR(VOUT)
Output DVS slew rate
2.5
3.125
mV/µs
IOUT
Continuous DC output
current
3
A
IIND_LIM
HSD FET current limit
4.3
7
A
IQ
Quiescent current
VIN = 5 V, VOUT = 1 V
35
µA
ΔVOUT/ΔVIN
Line regulation
VOUT = 1.05 V, IOUT = 1.5 A
–0.5%
0.5%
ΔVOUT/ΔIOUT
Load regulation
VIN = 5 V, VOUT = 1.05 V, IOUT = 0 A to 3 A,
referenced to VOUT at IOUT = 1.5 A
–0.2%
2%
ΔVOUT_TR
(1)
Load transient
regulation
DC + AC at sense point,
VIN = 5 V, VOUT = 1.05 V, IOUT = 0.9 A to 3 A and 3 A
to 0.9 A with slew rate of 2.5 A/µs
–5%
7%
VTH_PG
Power Good
deassertion threshold
in percentage of
target VOUT
VOUT rising
108%
VOUT falling
92%
VTH_HYS_PG
Power Good
reassertion hysteresis
entering back into
VTH_PG
VOUT rising or falling
3%
LSW
Output inductance
0.376
0.47
0.564
µH
CIN
Input bypass
capacitance
2.5
10
12
µF
COUT
Output filtering
capacitance
61.6
88
110
µF
RDIS
Output auto-discharge
resistance
BUCK3_DIS[1:0] = 01
100
Ω
BUCK3_DIS[1:0] = 10
200
BUCK3_DIS[1:0] = 11
500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com