Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R47MS Datasheet(PDF) 27 Page - Texas Instruments

Part # PIFE32251B-R47MS
Description  PMIC for Intel Apollo Lake Platform
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R47MS Datasheet(HTML) 27 Page - Texas Instruments

Back Button PIFE32251B-R47MS Datasheet HTML 23Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 24Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 25Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 26Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 27Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 28Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 29Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 30Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 96 page
background image
27
TPS65094
www.ti.com
SWCS133C – SEPTEMBER 2015 – REVISED FEBRUARY 2019
Submit Documentation Feedback
Product Folder Links: TPS65094
Specifications
Copyright © 2015–2019, Texas Instruments Incorporated
5.15 Switching Characteristics
over operating free-air temperature range and over recommended input voltage range (typical values are at TA = 25°C)
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
BUCK CONTROLLERS
tPG
Total turnon time
Measured from enable going high to when output reaches 90% of
target value.
550
850
µs
TON,MIN
Minimum ON time
of DRVH
50
ns
TDEAD
Driver dead-time
DRVH off to DRVL on
15
ns
DRVL off to DRVH on
30
fSW
Switching
frequency
Continuous-conduction mode,
VIN = 13 V, VOUT ≥ 1 V
1000
kHz
BUCK CONVERTERS
tPG
Total turnon time
Measured from enable going high to when output reaches 90% of
target value.
VOUT = 1 V, COUT = 88 µF
250
1000
µs
fSW
Switching
frequency
Continuous-conduction mode, BUCK3 VOUT = 1 V, IOUT = 1 A
1.6
MHz
Continuous-conduction mode, BUCK3 VOUT = 1.05 V, IOUT = 1 A
1.7
Continuous-conduction mode, BUCK4 VOUT = 1.8 V, IOUT = 1 A
2.5
Continuous-conduction mode, BUCK5 VOUT = 1.24 V, IOUT = 1 A
2.4
Continuous-conduction mode, BUCK5 VOUT = 1.35 V, IOUT = 1 A
2.5
LDOAx
tSTARTUP
Start-up time
Measured from enable going high to when output reaches 95% of
final value,
VOUT = 1.2 V, COUT = 4.7 µF
180
µs
VTT LDO
tSTARTUP
Start-up time
Measured from enable going high to PG assertion,
VOUT = 0.675 V, COUT = 40 µF
22
µs
SWA1
tTURN-ON
Turnon time
Measured from enable going high to reach 95% of final value,
VIN = 3.3 V, COUT = 0.1 µF
0.85
ms
Measured from enable going high to reach 95% of final value,
VIN = 1.8 V, COUT = 0.1 µF
0.63
SWB1_2
tTURN-ON
Turnon time
Measured from enable going high to reach 95% of final value,
VIN = 3.3 V, COUT = 0.1 µF
1.1
ms
Measured from enable going high to reach 95% of final value,
VIN = 1.8 V, COUT = 0.1 µF
0.82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com