Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R47MS Datasheet(PDF) 36 Page - Texas Instruments

Part # PIFE32251B-R47MS
Description  PMIC for Intel Apollo Lake Platform
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R47MS Datasheet(HTML) 36 Page - Texas Instruments

Back Button PIFE32251B-R47MS Datasheet HTML 32Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 33Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 34Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 35Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 36Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 37Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 38Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 39Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 96 page
background image
Bandgap
Min. ON Time
Min. OFF Time
Gate Driver
Anti
Shoot-Through
Current
Limit Comparator
LXx
Limit
High Side
Limit
Low Side
FBx
EN
MODE
PVINx
PGND/Thermal Pad
VIN
Integrated
Feed Back
Network
VREF
FB
Error
Comparator
Zero/Negative
Current Limit Comparator
Control
Logic
NMOS
NMOS
MODE / EN
VREF
0.40 V
Softstart
PMIC Internal Signals
External Inputs/Outputs
Copyright © 2016, Texas Instruments Incorporated
36
TPS65094
SWCS133C – SEPTEMBER 2015 – REVISED FEBRUARY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS65094
Detailed Description
Copyright © 2015–2019, Texas Instruments Incorporated
6.3.3.2
Converter Overview
The PMIC synchronous step-down DC-DC converters include a unique hysteretic PWM control scheme
which enables a high switching frequency converter, excellent transient and AC load regulation, as well as
operation with cost-competitive external components. The controller topology supports forced PWM mode
as well as power-save mode operation. Power-save mode operation, or PFM mode, reduces the quiescent
current consumption and ensures high conversion efficiency at light loads by skipping switch pulses. In
forced PWM mode, the device operates on a quasi-fixed frequency, avoids pulse skipping, and allows
filtering of the switch noise by external filter components. The PMIC device offers fixed output voltage
options featuring smallest solution size by using only three external components per converter.
A significant advantage of PMIC compared to other hysteretic PWM controller topologies is the excellent
capability of the AC load transient regulation. When the output voltage falls below the threshold of the
error comparator, a switch pulse is initiated, and the high-side switch is turned on. The high-side switch
remains turned on until a minimum ON-time of tONmin expires and the output voltage trips the threshold of
the error comparator or the inductor current reaches the high-side switch current limit. When the high-side
switch turns off, the low-side switch rectifier is turned on and the inductor current ramps down until the
high-side switch turns on again or the inductor current reaches zero. In forced PWM mode operation,
negative inductor current is allowed to enable continuous conduction mode even at no load condition.
Figure 6-4. Converter Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com