Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R47MS Datasheet(PDF) 38 Page - Texas Instruments

Part # PIFE32251B-R47MS
Description  PMIC for Intel Apollo Lake Platform
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R47MS Datasheet(HTML) 38 Page - Texas Instruments

Back Button PIFE32251B-R47MS Datasheet HTML 34Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 35Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 36Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 37Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 38Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 39Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 40Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 41Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 96 page
background image
OUT
IN(MIN)
OUT
ripple(min)
max
IN(MIN)
sw(max)
V
(V
V
)
I
L
V
f
u
u
ripple(min)
DSON
LIM
ILIM
LIMREF
I
R
8
1.3
I
2
R
I
§
·
u u
u ¨
¸
©
¹
38
TPS65094
SWCS133C – SEPTEMBER 2015 – REVISED FEBRUARY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS65094
Detailed Description
Copyright © 2015–2019, Texas Instruments Incorporated
6.3.3.4
Current Limit
The buck controllers (BUCK1, BUCK2, and BUCK6) have inductor-valley current-limit architecture and the
current limit is programmable by an external resistor at the ILIMx pin. Equation 1 shows the calculation for
a desired resistor value, depending on specific application conditions. ILIMREF is the current source out of
the ILIMx pin that is typically 50 µA, and RDSON is the maximum channel resistance of the low-side FET.
The scaling factor is 1.3 to take into account all errors and temperature variations of RDSON, ILIMREF, and
RILIM. Finally, 8 is another scaling factor associated with ILIMREF.
where
•
ILIM is the target current limit. An appropriate margin must be allowed when determining ILIM from
maximum output DC load current.
•
Iripple(min) is the minimum peak-to-peak inductor ripple current for a given VOUT.
(1)
where
•
Lmax is maximum inductance
•
fsw(max) is maximum switching frequency
•
VIN(MIN) minimum input voltage to the external power stage
(2)
The buck converter limit inductor peak current cycle-by-cycle to IIND_LIM is specified in Section 5.8,
Electrical Characteristics: Synchronous Buck Converters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com