Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R47MS Datasheet(PDF) 31 Page - Texas Instruments

Part # PIFE32251B-R47MS
Description  PMIC for Intel Apollo Lake Platform
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R47MS Datasheet(HTML) 31 Page - Texas Instruments

Back Button PIFE32251B-R47MS Datasheet HTML 27Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 28Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 29Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 30Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 31Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 32Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 33Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 34Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 96 page
background image
BUCK1 5 A
BUCK2 21 A
BUCK3 3 A
BUCK4 2 A
BUCK5 2 A
BUCK6 7 A
VTT LDO 1.5 A
LDOA2 0.6 A
LDOA3 0.6 A
SWA1 0.3 A
SWB1 0.4 A
SWB2 0.4 A
LDOA1 0.2 A
LDO5 0.18 A
LDO3P3 0.04 A
PG_5V
PMICEN
SLP_S3B
IRQB
SCLK
DATA
RSMRSTB
PCH_PWROK
SLP_S4B
SLP_S0B
EXT FET
EXT FET
EXT FET
VNN
VCCGI
VCCRAM
V1P8A
V1P24A
VDDQ
VTT
0.7 V to 1.5 V
0.7 V to 1.5 V
0.5 V to 3.3 V
V1P8U(1)
0.5 V to 3.3 V(2)
PMIC
SoC
PLATFORM
VDDQ
VSYS
VSYS
BUCK
5 V
VSYS
LDO5P0
V1P8A
VSYS
LDO5P0
BUCK
3.3 V
+
REF
THERMTRIPB
PROCHOT
800 mA
1.35 V to 3.3 V(a)
1.8 V(b)
LDOLS_EN
(a)
SWA1_EN
(b)
(a) LDOA1
1RW ³$OZD\V 2Q´
(b) LDOA1
³$OZD\V 2Q´
(1) LPDDR3 and LPDDR4
(2) DDR3L
0.5 V to 3.3 V
V1P8A
(1)
0.5 V to 3.3 V
(2)
VSYS
Copyright © 2016, Texas Instruments Incorporated
31
TPS65094
www.ti.com
SWCS133C – SEPTEMBER 2015 – REVISED FEBRUARY 2019
Submit Documentation Feedback
Product Folder Links: TPS65094
Detailed Description
Copyright © 2015–2019, Texas Instruments Incorporated
Figure 6-2. Apollo Lake Power Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com