Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R47MS Datasheet(PDF) 24 Page - Texas Instruments

Part # PIFE32251B-R47MS
Description  PMIC for Intel Apollo Lake Platform
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R47MS Datasheet(HTML) 24 Page - Texas Instruments

Back Button PIFE32251B-R47MS Datasheet HTML 20Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 21Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 22Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 23Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 24Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 25Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 26Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 27Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 96 page
background image
24
TPS65094
SWCS133C – SEPTEMBER 2015 – REVISED FEBRUARY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS65094
Specifications
Copyright © 2015–2019, Texas Instruments Incorporated
Electrical Characteristics: LDOs (continued)
over recommended input voltage range, TA = –40°C to +85°C and TA = 25°C for typical values (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VTT LDO
VIN
Power input voltage
VDDQ
3.3
V
VOUT
DC output voltage
Measured at VTTFB pin
VIN / 2
V
DC output voltage accuracy
Relative to VIN / 2, IOUT = 100 mA,
1.1 V
≤ VIN ≤ 1.5 V
–10
10
mV
IOUT
DC Output Current (RMS Value
Over Operation)
1.1 V
≤ VIN ≤ 1.5 V
–500
0
500
mA
Pulsed Current (Duty Cycle
Limited to Remain Below DC
RMS Specification)
source(+) and sink(–): LPDDR3 and LPDDR4
OTPs, 1.1 V
≤ VIN ≤ 1.5 V
–500
500
mA
source(+) and sink(–): DDR3L OTPs, 1.1 V
≤
VIN ≤ 1.5 V
–1800
1800
ΔVOUT/ΔIOUT
Load regulation
Relative to VIN / 2, IOUT ≤ 10 mA,
1.1 V
≤ VIN ≤ 1.5 V
–10
10
mV
Relative to VIN / 2, IOUT ≤ 500 mA,
1.1 V
≤ VIN ≤ 1.5 V
–20
20
Relative to VIN / 2, IOUT ≤ 1200 mA,
1.1 V
≤ VIN ≤ 1.5 V
–30
30
Relative to VIN / 2, IOUT ≤ 1800 mA,
1.1 V
≤ VIN ≤ 1.5 V
–40
40
ΔVOUT_TR
Load transient regulation
DC + AC at sense point, 1.1 V
≤ VIN ≤ 1.5 V,
(IOUT = 0 to 350 mA and 350 mA to 0) AND
(0 to –350 mA and –350 mA to 0) with 1 µs of
rise and fall time
COUT = 40 µF
–5%
5%
IOCP
Overcurrent protection
Measured with output shorted to ground: OTPs
with VTT ILIM = 0.95 A
0.95
A
Measured with output shorted to ground: OTPs
with VTT ILIM = 1.8 A
1.8
VTH_PG
Power Good deassertion
threshold in percentage of target
VOUT
VOUT rising
110%
VOUT falling
95%
VTH_HYS_PG
Power Good reassertion
hysteresis entering back into
VTH_PG
VOUT rising or falling
5%
IQ
Total ground current
VIN = 1.2 V, IOUT = 0 A
240
µA
ILKG
OFF leakage current
VIN = 1.2 V, disabled
1
µA
CIN
External input capacitance
10
µF
COUT
External output capacitance
35
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com