Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R47MS Datasheet(PDF) 58 Page - Texas Instruments

Part # PIFE32251B-R47MS
Description  PMIC for Intel Apollo Lake Platform
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R47MS Datasheet(HTML) 58 Page - Texas Instruments

Back Button PIFE32251B-R47MS Datasheet HTML 54Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 55Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 56Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 57Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 58Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 59Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 60Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 61Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 96 page
background image
58
TPS65094
SWCS133C – SEPTEMBER 2015 – REVISED FEBRUARY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS65094
Detailed Description
Copyright © 2015–2019, Texas Instruments Incorporated
6.6.13 DISCHCNT1: Discharge Control1 Register (offset = 40h) [reset = 0101 0101]
All xx_DIS[1:0] bits automatically set to 00 when the corresponding VR is enabled. Discharge resistance
values listed here are approximate.
Figure 6-31. DISCHCNT1 Register (offset = 40h) [reset = 0101 0101]
Bit
7
6
5
4
3
2
1
0
Bit Name
BUCK4_DIS[1]
BUCK4_DIS[0]
BUCK3_DIS[1]
BUCK3_DIS[0]
BUCK2_DIS[1]
BUCK2_DIS[0]
BUCK1_DIS[1]
BUCK1_DIS[0]
TPS65094x
0
1
0
1
0
1
0
1
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 6-24. DISCHCNT1 Register Field Descriptions
Bit
Field
Type Reset
Description
7–6
BUCK4_DIS[1:0]
R/W
01
BUCK4 discharge resistance
00: No discharge
01: 100 Ω
10: 200 Ω
11: 500 Ω
5–4
BUCK3_DIS[1:0]
R/W
01
BUCK3 discharge resistance
00: No discharge
01: 100 Ω
10: 200 Ω
11: 500 Ω
3–2
BUCK2_DIS[1:0]
R/W
01
BUCK2 discharge resistance
00: No discharge
01: 100 Ω
10: 200 Ω
11: 500 Ω
1–0
BUCK1_DIS[1:0]
R/W
01
BUCK1 discharge resistance
00: No discharge
01: 100 Ω
10: 200 Ω
11: 500 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com