Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R47MS Datasheet(PDF) 22 Page - Texas Instruments

Part # PIFE32251B-R47MS
Description  PMIC for Intel Apollo Lake Platform
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R47MS Datasheet(HTML) 22 Page - Texas Instruments

Back Button PIFE32251B-R47MS Datasheet HTML 18Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 19Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 20Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 21Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 22Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 23Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 24Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 25Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 96 page
background image
22
TPS65094
SWCS133C – SEPTEMBER 2015 – REVISED FEBRUARY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS65094
Specifications
Copyright © 2015–2019, Texas Instruments Incorporated
Electrical Characteristics: LDOs (continued)
over recommended input voltage range, TA = –40°C to +85°C and TA = 25°C for typical values (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(1)
The minimum value must be equal to or greater than 1.62 V.
LDOA2
VIN
Power input voltage
VOUT +
VDROP
(1)
1.8
1.98
V
VOUT
DC output voltage in normal
operating mode
LDOA2_VID[3:0] = 0000 (TPS650944 default)
0.7
V
LDOA2_VID[3:0] = 0001
0.75
LDOA2_VID[3:0] = 0010
0.8
LDOA2_VID[3:0] = 0011
0.85
LDOA2_VID[3:0] = 0100
0.9
LDOA2_VID[3:0] = 0101
0.95
LDOA2_VID[3:0] = 0110
1
LDOA2_VID[3:0] = 0111
1.05
LDOA2_VID[3:0] = 1000
1.1
LDOA2_VID[3:0] = 1001
1.15
LDOA2_VID[3:0] = 1010 (TPS650940,
TPS650941, and TPS650942 default)
1.2
LDOA2_VID[3:0] = 1011
1.25
LDOA2_VID[3:0] = 1100
1.3
LDOA2_VID[3:0] = 1101
1.35
LDOA2_VID[3:0] = 1110
1.4
LDOA2_VID[3:0] = 1111
1.5
VOUT
DC output voltage accuracy
IOUT = 0 to 600 mA
–2%
3%
IOUT
DC output current
600
mA
VDROP
Dropout voltage
VOUT = 0.99 × VOUT_NOM,
IOUT = 600 mA
350
mV
ΔVOUT/ΔVIN
Line regulation
IOUT = 300 mA
–0.5%
0.5%
ΔVOUT/ΔIOUT
Load regulation
IOUT = 10 mA to 600 mA
–2%
2%
IOCP
Overcurrent protection
Measured with output shorted to ground
0.65
1.25
A
VTH_PG
Power Good assertion threshold
in percentage of target VOUT
VOUT rising
108%
VOUT falling
92%
VTH_HYS_PG
Power Good deassertion
hysteresis
VOUT falling
3%
IQ
Quiescent current
IOUT = 0 A
20
µA
PSRR
Power supply rejection ratio
f = 1 kHz, VIN = 1.8 V, VOUT = 1.2 V,
IOUT = 300 mA,
COUT = 2.2 µF to 4.7 µF
48
dB
f = 10 kHz, VIN = 1.8 V, VOUT = 1.2 V,
IOUT = 300 mA,
COUT = 2.2 µF to 4.7 µF
30
dB
COUT
External output capacitance
2.2
4.7
10
µF
ESR
100
mΩ
RDIS
Output auto-discharge resistance
LDOA2_DIS[1:0] = 01
80
Ω
LDOA2_DIS[1:0] = 10
180
LDOA2_DIS[1:0] = 11
475



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com