Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R47MS Datasheet(PDF) 81 Page - Texas Instruments

Part # PIFE32251B-R47MS
Description  PMIC for Intel Apollo Lake Platform
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R47MS Datasheet(HTML) 81 Page - Texas Instruments

Back Button PIFE32251B-R47MS Datasheet HTML 77Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 78Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 79Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 80Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 81Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 82Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 83Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 84Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 85Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 96 page
background image
PMIC
SoC
PMICEN
THERMTRIPB
EC
10 k
LDOA1
81
TPS65094
www.ti.com
SWCS133C – SEPTEMBER 2015 – REVISED FEBRUARY 2019
Submit Documentation Feedback
Product Folder Links: TPS65094
Application and Implementation
Copyright © 2015–2019, Texas Instruments Incorporated
7.3
Specific Application for TPS650944
For the TPS650944 device, if register reset is desired when the PMICEN pin is pulled low, an alternate
reset condition can be used. There are two simple options. The first option is to write 1 to the SDWN bit in
the FORCESHUTDN register (see Section 6.6.17, FORCESHUTDN: Force Emergency Shutdown Control
Register) to force power rails to turn off and reset all registers. The second option is to use the falling
edge detection of the THERMTRIPB pin to trigger the device reset. In this case, when the PMICEN pin is
pulled low, the THERMTRIPB pin on PMIC should be pulled low simultaneously, which can be done in
several ways. One approach is to connect a low-voltage Schottky diode between the PMICEN and
THERMTRIPB pins. Because the THERMTRIPB SoC pin is push-pull configured, a second diode is
needed to prevent shorting the SoC pin to GND. An example can be seen in Figure 7-8. Both diodes must
have a forward voltage below PMIC VIL (0.4 V) at the appropriate current. Another approach is to route the
THERMTRIPB signal from SoC through the EC and tie PMICEN and THERMTRIPB together at the PMIC.
NOTE: Not applicable if LDOA1 is not configured to "Always On"
Figure 7-8. PMICEN and THERMTRIPB Connection Option for LDOA1 "Always On" Spins
For the TPS650944 device, if both the PVINSWA1 and PVINSWB1_B2 pins are tied to 2.5 V, LDOA2 and
LDOA3 will turn on if all VRs and load switches are enabled and have released their Power Good signals.
To avoid LDOA2 and LDOA3 turning on unexpectedly, TI recommends using voltages other than 2.5 V on
both SWA1 and SWB1_2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com