Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R47MS Datasheet(PDF) 17 Page - Texas Instruments

Part # PIFE32251B-R47MS
Description  PMIC for Intel Apollo Lake Platform
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R47MS Datasheet(HTML) 17 Page - Texas Instruments

Back Button PIFE32251B-R47MS Datasheet HTML 13Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 14Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 15Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 16Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 17Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 18Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 19Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 20Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 96 page
background image
17
TPS65094
www.ti.com
SWCS133C – SEPTEMBER 2015 – REVISED FEBRUARY 2019
Submit Documentation Feedback
Product Folder Links: TPS65094
Specifications
Copyright © 2015–2019, Texas Instruments Incorporated
Electrical Characteristics: Buck Controllers (continued)
over recommended input voltage range, TA = –40°C to +85°C and TA = 25°C for typical values (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VTH_PG
Power Good deassertion
threshold in percentage
of target VOUT
VOUT rising
108%
VOUT falling
92%
VTH_HYS_PG
Power Good reassertion
hysteresis entering back
into VTH_PG
VOUT rising or falling
3%
LSW
External output
inductance
0.376
0.47
0.564
µH
COUT
External output
capacitance
Recommended amount to meet transient
specification
150
220
µF
RDSON_DRVH
Driver DRVH resistance
Source, IDRVH = –50 mA
3
Ω
Sink, IDRVH = 50 mA
2
RDSON_DRVL
Driver DRVL resistance
Source, IDRVL = –50 mA
3
Ω
Sink, IDRVL = 50 mA
0.4
RDIS
Output auto-discharge
resistance
BUCK6_DIS[1:0] = 01
100
Ω
BUCK6_DIS[1:0] = 10
200
BUCK6_DIS[1:0] = 11
500
CBOOT
Bootstrap capacitance
100
nF
RON_BOOT
Bootstrap switch ON
resistance
20
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com