Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R47MS Datasheet(PDF) 26 Page - Texas Instruments

Part # PIFE32251B-R47MS
Description  PMIC for Intel Apollo Lake Platform
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R47MS Datasheet(HTML) 26 Page - Texas Instruments

Back Button PIFE32251B-R47MS Datasheet HTML 22Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 23Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 24Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 25Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 26Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 27Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 28Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 29Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 96 page
background image
26
TPS65094
SWCS133C – SEPTEMBER 2015 – REVISED FEBRUARY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS65094
Specifications
Copyright © 2015–2019, Texas Instruments Incorporated
5.11 Digital Signals: I
2C Interface
over recommended free-air temperature range and over recommended input voltage range (typical values are at TA = 25°C)
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOL
Low-level output voltage
VPULL_UP = 1.8 V
0.4
V
VIH
High-level input voltage
1.2
V
VIL
Low-level input voltage
0.4
V
ILKG
Leakage current
VPULL_UP = 1.8 V
0.01
0.3
µA
RPULL-UP
Pullup resistance
Standard mode
8.5
kΩ
Fast mode
2.5
Fast mode plus
1
COUT
Total load capacitance per pin
50
pF
5.12 Digital Input Signals (LDOLS_EN, SWA1_EN, THERMTRIPB, PMICEN, SLP_S3B,
SLP_S4B, SLP_S0B)
over recommended free-air temperature range and over recommended input voltage range (typical values are at TA = 25°C)
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIH
High-level input voltage
0.85
V
VIL
Low-level input voltage
0.4
V
5.13 Digital Output Signals (IRQB, RSMRSTB, PCH_PWROK, PROCHOT)
Over recommended free-air temperature range and over recommended input voltage range (typical values are at TA = 25°C)
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOL
Low-level output voltage
IOL < 2 mA
0.4
V
ILKG
Leakage current
VPULL_UP = 1.8 V
0.35
µA
5.14 Timing Requirements
over recommended free-air temperature range and over recommended input voltage range (typical values are at TA = 25°C)
(unless otherwise noted)
MIN
NOM
MAX
UNIT
I2C INTERFACE
fCLK
Clock frequency (standard mode)
100
kHz
Clock frequency (fast mode)
400
Clock frequency (fast mode plus)
1000
tr
Rise time (standard mode)
1000
ns
Rise time (fast mode)
300
Rise time (fast mode plus)
120
tf
Rise time (standard mode)
300
ns
Rise time (fast mode)
300
Rise time (fast mode plus)
120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com