Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R47MS Datasheet(PDF) 43 Page - Texas Instruments

Part # PIFE32251B-R47MS
Description  PMIC for Intel Apollo Lake Platform
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R47MS Datasheet(HTML) 43 Page - Texas Instruments

Back Button PIFE32251B-R47MS Datasheet HTML 39Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 40Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 41Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 42Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 43Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 44Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 45Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 46Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 96 page
background image
43
TPS65094
www.ti.com
SWCS133C – SEPTEMBER 2015 – REVISED FEBRUARY 2019
Submit Documentation Feedback
Product Folder Links: TPS65094
Detailed Description
Copyright © 2015–2019, Texas Instruments Incorporated
As VSYS crosses above VSYS_UVLO_5V + VSYS_UVLO+5V_HYS, the cold-boot sequence is initiated by pulling the
PMICEN pin high followed by driving the remaining control pins high in order. SLP_S3B and SLP_S4B
may go high at the same time. SLP_S0B is not defined until the first transition to S0 after RSMRSTB
deassertion. SLP_S0B is defined for all Sx power-state transitions after the first transition to S0.
Table 6-10 lists definitions of the timing delays. These timing delays also apply to the subsequent
sequences. T0 to T10 are factory programmable to 0 ms, 2 ms, 4 ms, 8 ms, 16 ms, 24 ms, 32 ms, or
64 ms.
Table 6-10. Definition of Delays During Cold Boot Sequence
DELAY
DESCRIPTION
TYP VALUE
UNIT
T0
PMICEN to BUCK1 (VNN) enable
0
ms
T1
PMICEN to BUCK4 (V1P8A) enable
4
ms
T2
BUCK4 PG to BUCK5 (V1P24A) enable
0
ms
T3
BUCK5 PG to RSMRSTB deassertion
10
ms
T4
SLP_S4B deassertion to SWB1_2 (V1P8U) enable
0
ms
T5
SLP_S4B deassertion to BUCK6 (VDDQ) enable
4
ms
T6
Logical AND of BUCK6 PG, SLP_S0B, SLP_S3B, and SLP_S4B to VTT enable
0
ms
T7
SLP_S0B deassertion to BUCK3 (VCCRAM) enable
2
ms
T8
Logical AND of all PGs (except BUCK2) to PCH_PWROK assertion. User selectable
from POK_DELAY register.
100
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com