Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R47MS Datasheet(PDF) 79 Page - Texas Instruments

Part # PIFE32251B-R47MS
Description  PMIC for Intel Apollo Lake Platform
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R47MS Datasheet(HTML) 79 Page - Texas Instruments

Back Button PIFE32251B-R47MS Datasheet HTML 75Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 76Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 77Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 78Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 79Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 80Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 81Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 82Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 96 page
background image
79
TPS65094
www.ti.com
SWCS133C – SEPTEMBER 2015 – REVISED FEBRUARY 2019
Submit Documentation Feedback
Product Folder Links: TPS65094
Application and Implementation
Copyright © 2015–2019, Texas Instruments Incorporated
7.2.2.2.2 Selecting the Output Capacitors
TI recommends using ceramic capacitors with low-ESR values are recommended to provide the lowest
output voltage ripple. The output capacitor requires either an X7R or an X5R rating. Y5V and Z5U
capacitors, aside from the wide variation in capacitance overtemperature, become resistive at high
frequencies.
At light load currents, the converter operates in PFM mode and the output voltage ripple is dependent on
the output-capacitor value and the PFM peak inductor current. Higher output-capacitor values minimize
the voltage ripple in PFM mode. To achieve specified regulation performance and low output voltage
ripple, the DC-bias characteristic of ceramic capacitors must be considered. The effective capacitance of
ceramic capacitors drops with increasing DC-bias voltage.
For the output capacitors of the BUCK converters, TI recommends placing small ceramic capacitors
between the inductor and load with many vias to the PGND plane. This solution typically provides the
smallest and lowest-cost solution available for DCAP2 controllers.
To meet the transient specifications, the output capacitance must equal or exceed the minimum
capacitance listed for BUCK3, BUCK4, and BUCK5 (assuming quality layout techniques are followed).
7.2.2.2.3 Selecting the Input Capacitors
Due to the nature of the switching converter with a pulsating input current, a low-ESR input capacitor is
required for best input-voltage filtering and for minimizing the interference with other circuits caused by
high input-voltage spikes. For the PVINx pin, 2.5 µF of input capacitance (after derating) is required for
most applications. A ceramic capacitor is recommended to achieve the low-ESR requirement. However,
the voltage rating and DC-bias characteristic of ceramic capacitors must be considered. For better input-
voltage filtering, the input capacitor can be increased without any limit.
NOTE
Use the correct value for the ceramic capacitor capacitance after derating to achieve the
recommended input capacitance.
The preferred capacitor for the converters is one Samsung CL05A106MP5NUNC: 10 µF, 0402, 10 V,
±20%, or similar capacitor.
7.2.2.3
LDO Design Procedure
The VTT LDO must handle the fast load transients from the DDR memory for termination. Therefore, TI
recommends using ceramic capacitors to maintain a high amount of capacitance with low ESR on the VTT
LDO outputs and inputs. The preferred output capacitors for the VTT LDO are the GRM188R60J226MEA0
from Murata (22 µF, 0603, 6.3 V, ±20%, or similar capacitors). The preferred input capacitor for the VTT
LDO is the CL05A106MP5NUNC from Samsung (10 µF, 0402, 10 V, ±20%, or similar capacitor).
The remaining LDOs must have input and output capacitors chosen based on the values in Section 5.9,
Electrical Characteristics: LDOs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com