Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R47MS Datasheet(PDF) 60 Page - Texas Instruments

Part # PIFE32251B-R47MS
Description  PMIC for Intel Apollo Lake Platform
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R47MS Datasheet(HTML) 60 Page - Texas Instruments

Back Button PIFE32251B-R47MS Datasheet HTML 56Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 57Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 58Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 59Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 60Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 61Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 62Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 63Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 96 page
background image
60
TPS65094
SWCS133C – SEPTEMBER 2015 – REVISED FEBRUARY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS65094
Detailed Description
Copyright © 2015–2019, Texas Instruments Incorporated
6.6.16 POK_DELAY: PCH_PWROK Delay Register (offset = 43h) [reset = 0000 0111]
Programmable Power Good delay for PCH_PWROK pin, measured from the moment when all VRs reach
the regulation range to Power Good assertion.
Figure 6-34. POK_DELAY Register (Offset = 43h) [reset = 0000 0111]
Bit
7
6
5
4
3
2
1
0
Bit Name
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
PWROKDELAY
[2]
PWROKDELAY
[1]
PWROKDELAY
[0]
TPS65094x
0
0
0
0
0
1
1
1
Access
R
R
R
R
R
R/W
R/W
R/W
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 6-27. POK_DELAY Register Field Descriptions
Bit
Field
Type Reset
Description
2–0
PWROKDELAY[2:0]
R/W
111
Programmable delay measured from the moment all rails have reached
regulation voltage to assertion of PCH_PWROK. All values have ±10%
variation.
000 = 2.5 ms
001 = 5.0 ms
010 = 10 ms
011 = 15 ms
100 = 20 ms
101 = 50 ms
110 = 75 ms
111 = 100 ms (default)
6.6.17 FORCESHUTDN: Force Emergency Shutdown Control Register (offset = 91h) [reset
= 0000 0000]
Figure 6-35. FORCESHUTDN Register (offset = 91h) [reset = 0000 0000]
Bit
7
6
5
4
3
2
1
0
Bit Name
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
SDWN
TPS65094x
0
0
0
0
0
0
0
0
Access
R
R
R
R
R
R
R
R/W
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 6-28. FORCESHUTDN Register Field Descriptions
Bit
Field
Type Reset
Description
0
SDWN
R/W
0
Forces reset of the PMIC. The bit is self-clearing.
0 = No action
1 = PMIC is forced to shut down.
6.6.18 BUCK4VID: BUCK4 VID Register (offset = 94h) [reset = 0010 1111]
Figure 6-36. BUCK4VID Register (offset = 94h) [reset = 0010 1111]
Bit
7
6
5
4
3
2
1
0
Bit Name
RESERVED
BUCK4_VID[6]
BUCK4_VID[5]
BUCK4_VID[4]
BUCK4_VID[3]
BUCK4_VID[2]
BUCK4_VID[1]
BUCK4_VID[0]
TPS65094x
0
0
1
0
1
1
1
1
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 6-29. BUCK4VID Register Field Descriptions
Bit
Field
Type Reset
Description
6–0
BUCK4_VID[6:0]
R/W
0101111
(1.80 V)
This field sets the BUCK4 regulator output regulation voltage in normal mode.
Default = 1.80 V. Note that 0 V is a valid setting and all Power Goods must stay
high when VID is set to 0x00. See Table 6-4 for full details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com