Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R47MS Datasheet(PDF) 55 Page - Texas Instruments

Part # PIFE32251B-R47MS
Description  PMIC for Intel Apollo Lake Platform
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R47MS Datasheet(HTML) 55 Page - Texas Instruments

Back Button PIFE32251B-R47MS Datasheet HTML 51Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 52Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 53Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 54Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 55Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 56Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 57Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 58Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 96 page
background image
55
TPS65094
www.ti.com
SWCS133C – SEPTEMBER 2015 – REVISED FEBRUARY 2019
Submit Documentation Feedback
Product Folder Links: TPS65094
Detailed Description
Copyright © 2015–2019, Texas Instruments Incorporated
6.6.5
PMICSTAT: PMIC Status Register (offset = 04h) [reset = 0000 0000]
Figure 6-23. PMICSTAT Register (offset = 04h) [reset = 0000 0000]
Bit
7
6
5
4
3
2
1
0
Bit Name
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
SDIETEMP
TPS65094x
0
0
0
0
0
0
0
0
Access
R
R
R
R
R
R
R
R
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 6-16. PMICSTAT Register Field Descriptions
Bit
Field
Type Reset
Description
0
SDIETEMP
R
0
PMIC die temperature status.
0: PMIC die temperature is below THOT.
1: PMIC die temperature is above THOT.
6.6.6
OFFONSRC: PMIC Power Transition Event Register (offset = 05h) [reset = 0000 0000]
Figure 6-24. OFFONSRC Register (offset = 05h) [reset = 0000 0000]
Bit
7
6
5
4
3
2
1
0
Bit Name
RESERVED
RESERVED
RESERVED
RESERVED
COLDOFF
UVLO
OCP
CRITTEMP
TPS65094x
0
0
0
0
0
0
0
0
Access
R
R
R
R
R/W
R/W
R/W
R/W
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 6-17. OFFONSRC Register Field Descriptions
Bit
Field
Type Reset
Description
3
COLDOFF
R/W
0
Set by PMIC cleared by host. Host writes 1 to this bit to clear it.
0 = Cleared
1 = PMIC was shut down by host through PMIC_EN pin.
2
UVLO
R/W
0
Set by PMIC cleared by host. Host writes 1 to this bit to clear it.
0 = Cleared
1 = PMIC was shut down due to a UVLO event (VSYS less 5.4 V). The setting
of this bit sets the ONOFFSRC bit in the PMIC_IRQ register.
1
OCP
R/W
0
Set by PMIC cleared by host. Host writes 1 to this bit to clear it.
0 = Cleared
1 = PMIC shut down due to a power fault event. The setting of this bit sets the
ONOFFSRC bit in the PMIC_IRQ register.
0
CRITTEMP
R/W
0
Set by PMIC cleared by host. Host writes 1 to this bit to clear it.
0 = Cleared
1 = PMIC shut down due to the rise of PMIC die temperature above critical
temperature threshold (TCRIT). The setting of this bit sets the ONOFFSRC bit in
the PMIC_IRQ register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com