Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R47MS Datasheet(PDF) 40 Page - Texas Instruments

Part # PIFE32251B-R47MS
Description  PMIC for Intel Apollo Lake Platform
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R47MS Datasheet(HTML) 40 Page - Texas Instruments

Back Button PIFE32251B-R47MS Datasheet HTML 36Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 37Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 38Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 39Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 40Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 41Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 42Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 43Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 96 page
background image
40
TPS65094
SWCS133C – SEPTEMBER 2015 – REVISED FEBRUARY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS65094
Detailed Description
Copyright © 2015–2019, Texas Instruments Incorporated
6.3.4.3
Load Switches
The PMIC features three general-purpose load switches. SWA1 has a power input pin (PVINSWA1), while
SWB1 and SWB2 share a power input pin (PVINSWB1_B2). All switches have built-in slew rate control
during start-up to limit the inrush current.
Table 6-7 lists the control signals for enabling and disabling each LDO and load switch.
(1)
For LPDDR3 and LPDDR4 memory, SWB1_2 is configured to
V1P8U and controlled by SLP_S4B. For DDR3L memory, SWB1_2
is configured to either V3P3S or V1P8S and controlled by SLP_S3B.
(2)
When LDOLS_EN = 0, the user can write to enable bits in Reg
0xA0–Reg 0xA1 to enable or disable the rails. Alternatively, all of
them could be factory configured to be part of sequence along with
other voltage rails. Pin name changed to SWA1_EN when LDOA1 is
factory programmed to always on.
(3)
When SWA1_EN = 0, the user can write to enable bits in Reg
0xA0–Reg 0xA1 to enable or disable the rails. Alternatively, all of
them could be factory configured to be part of sequence along with
other voltage rails. Pin name changed to LDOLS_EN when LDOA1
is not factory programmed to always on.
(4)
BUCK6_PG should be asserted as well.
Table 6-7. Summary of LDO and Load Switch Control
CONTROL SIGNAL
RAIL
SLP_S4B or SLP_S3B(1)
SWB1_2
LDOLS_EN(2)
LDOA2, LDOA3, SWA1
SWA1_EN(3)
SWA1
SLP_S0B(4)
VTT LDO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com