Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R47MS Datasheet(PDF) 75 Page - Texas Instruments

Part # PIFE32251B-R47MS
Description  PMIC for Intel Apollo Lake Platform
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R47MS Datasheet(HTML) 75 Page - Texas Instruments

Back Button PIFE32251B-R47MS Datasheet HTML 71Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 72Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 73Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 74Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 75Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 76Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 77Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 78Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 79Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 96 page
background image
IN
OUT
OUT
L(MAX)
OUT(MAX)
IN
sw
(V
V
)
V
I
I
2
V
f
L
u
u
u
u
OUT
IN
OUT
IN
sw
OUT(MAX)
IND
V
(V
V
)
L
V
f
I
K
u
u
u
u
75
TPS65094
www.ti.com
SWCS133C – SEPTEMBER 2015 – REVISED FEBRUARY 2019
Submit Documentation Feedback
Product Folder Links: TPS65094
Application and Implementation
Copyright © 2015–2019, Texas Instruments Incorporated
7.2.2.1.1 Selecting the Output Capacitors
TI recommends using ceramic capacitors with low ESR values to provide the lowest output voltage ripple.
The output capacitor requires either an X7R or an X5R dielectric. Capacitors with Y5V or Z5U dielectrics
display a wide variation in capacitance over temperature and become resistive at high frequencies.
At light load currents, the controller operates in PFM mode, and the output voltage ripple is dependent on
the output-capacitor value and the PFM peak inductor current. Higher output-capacitor values minimize
the voltage ripple in PFM mode. To achieve specified regulation performance and low output voltage
ripple, the DC-bias characteristic of ceramic capacitors must be considered. The effective capacitance of
ceramic capacitors drops with increasing DC bias voltage.
For the output capacitors of the BUCK controllers, TI recommends placing small ceramic capacitors
between the inductor and load with many vias to the PGND plane. This solution typically provides the
smallest and lowest cost solution available for DCAP2 controllers.
To meet the transient specifications, the output capacitance must equal or exceed the minimum
capacitance listed in the electrical characteristics table for BUCK1, BUCK2, and BUCK6 (assuming quality
layout techniques are followed). See Section 5.7, Electrical Characteristics: Buck Controllers.
7.2.2.1.2 Selecting the Inductor
An inductor must be placed between the external FETs and the output capacitors. Together, the inductor
and output capacitors make the double-pole that contributes to stability. In addition, the inductor is
responsible for the output ripple, efficiency, and transient performance. When the inductance increases,
the ripple current decreases, which typically results in an increased efficiency. However, with an increase
in inductance, the transient performance decreases. Finally, the inductor selected must be rated for
appropriate saturation current, core losses, and DC resistance (DCR).
Equation 3 shows the calculation for the recommended inductance for the controller.
where
•
VOUT is the typical output voltage.
•
VIN is the typical input voltage.
•
fSW is the typical switching frequency.
•
IOUT(MAX) is the maximum load current.
•
KIND is the ratio of ILripple to the IOUT(MAX). For this application, TI recommends that KIND is set to a value
from 0.2 to 0.4.
(3)
With the chosen inductance value and the peak current for the inductor in steady state operation, IL(max)
can be calculated using Equation 4. The rated saturation current of the inductor must be higher than the
IL(MAX) current.
(4)
Following the previous equations, Table 7-1 lists the preferred inductor selected for the controllers..
Table 7-1. Recommended Inductors
MANUFACTURER
PART NUMBER
VALUE
SIZE
HEIGHT
Cyntec
PIMB061H
0.47 µH
6.8 mm × 7.3 mm
1.8 mm
Cyntec
PIMB062D
0.22 µH
6.8 mm × 7.3 mm
2.4 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com