Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R47MS Datasheet(PDF) 47 Page - Texas Instruments

Part # PIFE32251B-R47MS
Description  PMIC for Intel Apollo Lake Platform
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R47MS Datasheet(HTML) 47 Page - Texas Instruments

Back Button PIFE32251B-R47MS Datasheet HTML 43Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 44Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 45Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 46Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 47Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 48Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 49Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 50Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 96 page
background image
S0
SLP_S0B
VTT
BUCK1 (VNN)
S0
BUCK2 (VCCGI)
SLP_S3B
PCH_PWROK
S3
SWB1_2
(2)
T8
S3
S5/S4
SLP_S4B
BUCK6 (VDDQ)
T5
1.8 V
1.05 V
VID
˜ 100 µs
0 V
˜ 5 ms
0 V
SET VID by Host
BUCK3 (VCCRAM)
0 V
SWB1_2 (V1P8U)
(1)
˜ 2 ms
30 ms to 60 ms
(1) LPDDR3 and LPDDR4
(2) DDR3L
47
TPS65094
www.ti.com
SWCS133C – SEPTEMBER 2015 – REVISED FEBRUARY 2019
Submit Documentation Feedback
Product Folder Links: TPS65094
Detailed Description
Copyright © 2015–2019, Texas Instruments Incorporated
6.3.5.5
S0 to S4/5 Entry and Exit
Assertion of the SLP_S4B (H
→ L) after the S3 entry pushes the sequence further down to S4/5 where
SWB1_2 (for LPDDR3 or LPDDR4) and BUCK6 are disabled. Any rails not shown are essentially the
same as the S0 to S3 entry and exit case described in Figure 6-11.
Figure 6-11. S4/5 Entry and Exit Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com