Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R47MS Datasheet(PDF) 32 Page - Texas Instruments

Part # PIFE32251B-R47MS
Description  PMIC for Intel Apollo Lake Platform
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R47MS Datasheet(HTML) 32 Page - Texas Instruments

Back Button PIFE32251B-R47MS Datasheet HTML 28Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 29Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 30Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 31Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 32Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 33Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 34Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 35Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 96 page
background image
32
TPS65094
SWCS133C – SEPTEMBER 2015 – REVISED FEBRUARY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS65094
Detailed Description
Copyright © 2015–2019, Texas Instruments Incorporated
(1)
All Power Good signals must immediately deassert at the loss of any of the qualifying signals, or at the occurrence of a fault condition.
6.3
Feature Description
6.3.1
Power Good (PGOOD)
The TPS65094x device provides information on status of VRs through two Power Good signals or pins.
Table 6-2 defines which signals are required to assert the PGOOD signals.
Table 6-2. Power Good Summary
POWER GOOD(1)
QUALIFYING SIGNALS (LOGICAL AND)
RSMRSTB
✓
✓
✓
✓
✓
✓
PCH_PWROK
✓
✓
✓
✓
✓
✓
✓
✓
✓
✓
✓
6.3.2
Register Reset Conditions
All registers are reset if any of the following conditions are met:
•
VSYS pin voltage drops below 5.4 V
•
Falling edge of PMICEN for OTPs where LDOA1 is not "Always On"
•
Falling edge of THERMTRIPB while RSMRSTB = 1
•
Power fault of any regulator where xx_FLTMSK = 0 (see Section 6.6.27, PWR_FAULT_MASK1
Register, and Section 6.6.28, PWR_FAULT_MASK2 Register)
•
PMIC critical temperature shutdown
•
Software shutdown (writing 1 to the SDWN bit in the FORCESHUTDN register, see Figure 6-35)
Additionally, BUCK1 and BUCK2 VID registers are reset on the falling edge of SLP_S0IXB and SLP_S3B.
6.3.3
SMPS Voltage Regulators
The buck controllers integrate gate drivers for external power stages with programmable current limit (set
by an external resistor at ILIMx pin), which allows for optimal selection of external passive components
based on the desired system load. The buck converters include integrated power stage and require a
minimum number of pins for power input, inductor, and output voltage feedback input. Combined with
high-frequency switching, all these features allow use of inductors in small form factor, thus reducing the
total cost and size of the system.
BUCK3–BUCK6 have selectable auto- and forced-PWM mode through the BUCKx_MODE bit in the
BUCKxCTRL register. In default auto mode, the VR automatically switches between PWM and PFM
depending on the output load to maximize efficiency. The host cannot select Forced PWM mode for other
SMPS VRs as they stay in auto mode at all times.
See Table 6-3 and Table 6-4 for the full voltage tables for all SMPS regulators.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com