Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R47MS Datasheet(PDF) 71 Page - Texas Instruments

Part # PIFE32251B-R47MS
Description  PMIC for Intel Apollo Lake Platform
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R47MS Datasheet(HTML) 71 Page - Texas Instruments

Back Button PIFE32251B-R47MS Datasheet HTML 67Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 68Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 69Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 70Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 71Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 72Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 73Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 74Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 96 page
background image
71
TPS65094
www.ti.com
SWCS133C – SEPTEMBER 2015 – REVISED FEBRUARY 2019
Submit Documentation Feedback
Product Folder Links: TPS65094
Detailed Description
Copyright © 2015–2019, Texas Instruments Incorporated
6.6.33 TEMPHOT: Temperature Hot Status Register (offset = B5h) [reset = 0000 0000]
Asserted when an internal temperature sensor detects rise of die temperature above the HOT temperature
threshold (THOT). There are five temperature sensors across the die.
Figure 6-53. TEMPHOT Register (offset = B5h) [reset = 0000 0000]
Bit
7
6
5
4
3
2
1
0
Bit Name
RESERVED
RESERVED
RESERVED
DIE_HOT
VTT_HOT
TOP-RIGHT
_HOT
TOP-LEFT
_HOT
BOTTOM-
RIGHT_HOT
TPS65094x
0
0
0
0
0
0
0
0
Access
R
R
R
R/W
R/W
R/W
R/W
R/W
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 6-46. TEMPHOT Register Field Descriptions
Bit
Field
Type Reset
Description
4
DIE_HOT
R/W
0
Temperature of rest of die has exceeded THOT.
0: Not asserted.
1: Asserted. The host to write 1 to clear.
3
VTT_HOT
R/W
0
Temperature of VTT LDO has exceeded THOT.
0: Not asserted.
1: Asserted. The host to write 1 to clear.
2
TOP-RIGHT_HOT
R/W
0
Temperature of die top-right has exceeded THOT. Top-right corner of die from
top view given pin 1 is in top-left corner.
0: Not asserted.
1: Asserted. The host to write 1 to clear.
1
TOP-LEFT_HOT
R/W
0
Temperature of die top-left has exceeded THOT. Top-left corner of die from top
view given pin 1 is in top-left corner.
0: Not asserted.
1: Asserted. The host to write 1 to clear.
0
BOTTOM-RIGHT_HOT
R/W
0
Temperature of die bottom-right has exceeded THOT. Bottom-right corner of die
from top view given pin 1 is in top-left corner.
0: Not asserted.
1: Asserted. The host to write 1 to clear.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com