Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R47MS Datasheet(PDF) 68 Page - Texas Instruments

Part # PIFE32251B-R47MS
Description  PMIC for Intel Apollo Lake Platform
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R47MS Datasheet(HTML) 68 Page - Texas Instruments

Back Button PIFE32251B-R47MS Datasheet HTML 64Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 65Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 66Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 67Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 68Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 69Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 70Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 71Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 96 page
background image
68
TPS65094
SWCS133C – SEPTEMBER 2015 – REVISED FEBRUARY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS65094
Detailed Description
Copyright © 2015–2019, Texas Instruments Incorporated
6.6.30 LDOA1CTRL: LDOA1 Control Register (offset = AEh) [reset = OTP Dependent]
Figure 6-48. LDOA1CTRL Register (offset = AEh) [reset = OTP Dependent]
Bit
7
6
5
4
3
2
1
0
Bit Name
LDOA1_DIS[1]
LDOA1_DIS[0]
LDOA1_SDWN_
CONFIG
LDOA1_VID[3]
LDOA1_VID[2]
LDOA1_VID[1]
LDOA1_VID[0]
LDOA1_EN
TPS650940,
TPS650941,
TPS650942, and
TPS650945
0
1
1
1
1
1
0
0
TPS650944
0
1
1
0
1
0
0
1
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 6-41. LDOA1CTRL Register Field Descriptions
Bit
Field
Type
Reset
Description
7–6
LDOA1_DIS[1:0]
R/W
01
LDOA1 discharge resistance
00: No discharge
01: 100 Ω
10: 200 Ω
11: 500 Ω
5
LDOA1_SDWN_CONFIG
R/W
1
Control for Disabling LDOA1 during Emergency Shutdown
0: LDOA1 will turn off during Emergency Shutdown.
1: LDOA1 will not turn off during Emergency Shutdown as long as
LDOA1_EN = 1.
4–1
LDOA1_VID[3:0]
R/W
TPS650940,
TPS650941,
TPS650942,
and
TPS650945:
1110 (3.3 V)
TPS650944:
0100 (1.8V)
This field sets the LDOA3 regulator output regulation voltage in normal
mode. Default = OTP Dependent. See Table 6-5 for full details.
0
LDOA1_EN
R/W
TPS650940,
TPS650941,
TPS650942,
and
TPS650945: 0
TPS650944: 1
LDOA1 Enable Bit.
0: Disable
1: Enable
6.6.31 PG_STATUS1: Power Good Status1 Register (offset = B0h) [reset = 0000 0000]
Figure 6-49. PG_STATUS1 Register (offset = B0h) [reset = 0000 0000]
Bit
7
6
5
4
3
2
1
0
Bit Name
LDOA2_
PGOOD
RESERVED
BUCK6_
PGOOD
BUCK5_
PGOOD
BUCK4_
PGOOD
BUCK3_
PGOOD
BUCK2
_PGOOD
BUCK1_
PGOOD
TPS65094x
0
0
0
0
0
0
0
0
Access
R
R
R
R
R
R
R
R
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 6-42. PG_STATUS1 Register Field Descriptions
Bit
Field
Type
Reset
Description
7
LDOA2_PGOOD
R
0
LDOA2 Power Good status.
0: The output is not in target regulation range.
1: The output is in target regulation range.
5
BUCK6_PGOOD
R
0
BUCK6 Power Good status.
0: The output is not in target regulation range.
1: The output is in target regulation range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com