Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R47MS Datasheet(PDF) 42 Page - Texas Instruments

Part # PIFE32251B-R47MS
Description  PMIC for Intel Apollo Lake Platform
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R47MS Datasheet(HTML) 42 Page - Texas Instruments

Back Button PIFE32251B-R47MS Datasheet HTML 38Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 39Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 40Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 41Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 42Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 43Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 44Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 45Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 96 page
background image
G3
VSYS
LDO5V/3.3V
LDOA1
(b)
Ext. 5V/3.3V VR
PMICEN
BUCK1 (VNN)
BUCK4 (V1P8A)
T1
T2
BUCK5 (V1P24A)
RSMRSTB
T3 ™ 10ms
SLP_S4B
SWB1_2 (V1P8U)
(1)
T4
T5
BUCK6 (VDDQ)
VTT
SLP_S3B
BUCK3 (VCCRAM)
BUCK2 (VCCGI)
SLP_S0B
T6 ˜ 100us
T7
PCH_PWROK
T8 = PWROKDELA Y
S5
S5/S4
S3
S0
T0
5.6 V
THERMTRIPB
SET VID by Host
SWB1_2
(2)
(a) LDOA1
1RW ³$OZD\V 2Q´
(b) LDOA1
³$OZD\V 2Q´
(1) LPDDR3 and LPDDR4
(2) DDR3L
42
TPS65094
SWCS133C – SEPTEMBER 2015 – REVISED FEBRUARY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS65094
Detailed Description
Copyright © 2015–2019, Texas Instruments Incorporated
6.3.5.1
Cold Boot
Figure 6-7. Cold Boot Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com