Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R47MS Datasheet(PDF) 76 Page - Texas Instruments

Part # PIFE32251B-R47MS
Description  PMIC for Intel Apollo Lake Platform
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R47MS Datasheet(HTML) 76 Page - Texas Instruments

Back Button PIFE32251B-R47MS Datasheet HTML 72Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 73Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 74Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 75Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 76Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 77Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 78Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 79Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 96 page
background image
76
TPS65094
SWCS133C – SEPTEMBER 2015 – REVISED FEBRUARY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS65094
Application and Implementation
Copyright © 2015–2019, Texas Instruments Incorporated
7.2.2.1.3 Selecting the FETs
This controller is designed to drive two NMOS FETs. Typically, lower RDSON values are better for
improving the overall efficiency of the controller. However, higher gate-charge thresholds result in lower
efficiency, so the two must be balanced for optimal performance. As the RDSON for the low-side FET
decreases, the minimum current limit increases; therefore, ensure selection of the appropriate values for
the FETs, inductor, output capacitors, and current-limit resistor. TI's CSD87331Q3D, CSD87381P, and
CSD87588N devices are recommended for the controllers, depending on the required maximum current.
7.2.2.1.4 Bootstrap Capacitor
To ensure the internal high-side gate drivers are supplied with a stable low-noise supply voltage, a
capacitor must be connected between the SWx pins and the respective BOOTx pins. TI recommends
placing ceramic capacitors with the value of 0.1 µF for the controllers. During testing, a 0.1-µF, size 0402,
10-V capacitor is used for the controllers.
TI recommends reserving a small resistor in series with the bootstrap capacitor in case the turnon and
turnoff of the FETs must be slowed to reduce voltage ringing on the switch node, which is a common
practice for controller design.
7.2.2.1.5 Selecting the Input Capacitors
Due to the nature of the switching controller with a pulsating input current, a low-ESR input capacitor is
required for best input-voltage filtering and also for minimizing the interference with other circuits caused
by high input-voltage spikes. For the controller, a typical 2.2-µF capacitor can be used for the DRV5V_x_x
pin to handle the transients on the driver. For the FET input, 10 µF of input capacitance (after derating) is
recommended for most applications. To achieve the low-ESR requirement, a ceramic capacitor is
recommended. However, the voltage rating and DC-bias characteristic of ceramic capacitors must be
considered. For better input-voltage filtering, the input capacitor can be increased without any limit.
7.2.2.1.5.1 Setting the Current Limit
The current-limiting resistor value must be chosen based on Equation 1.
NOTE
Use the correct value for the ceramic capacitor capacitance after derating to achieve the
recommended input capacitance.
TI recommends placing a ceramic capacitor as close as possible to the FET across the respective VSYS
and PGND pins of the FETs. The preferred capacitors for the controllers are two Murata
GRM21BR61E226ME44: 22 µF, 0805, 25 V, ±20%, or similar capacitors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com