Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R47MS Datasheet(PDF) 39 Page - Texas Instruments

Part # PIFE32251B-R47MS
Description  PMIC for Intel Apollo Lake Platform
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R47MS Datasheet(HTML) 39 Page - Texas Instruments

Back Button PIFE32251B-R47MS Datasheet HTML 35Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 36Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 37Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 38Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 39Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 40Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 41Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 42Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 96 page
background image
39
TPS65094
www.ti.com
SWCS133C – SEPTEMBER 2015 – REVISED FEBRUARY 2019
Submit Documentation Feedback
Product Folder Links: TPS65094
Detailed Description
Copyright © 2015–2019, Texas Instruments Incorporated
6.3.4
LDOs and Load Switches
6.3.4.1
VTT LDO
Powered from the BUCK6 output (VDDQ), the VTT LDO tracks VDDQ and regulates to half of the VDDQ
voltage for proper DDR termination. The LDO current limit is OTP dependent, and it is designed
specifically to power DDR memory. The VTT LDO is enabled by assertion (L
→ H) of the SLP_S0B pin
and is disabled by deassertion (H
→ L) of the same pin. The LDO core is a transconductance amplifier
with large gain, and it drives a current output stage that either sources or sinks current depending on the
deviation of VTTFB pin voltage from the target regulation voltage.
6.3.4.2
LDOA1–LDOA3
The TPS65094x device integrates three optional general-purpose LDOs. LDOA1 is powered from a 5-V
supply through the DRV5V_2_A1 pin and it can be factory configured to be an Always-On rail as long as a
valid power supply is available at VSYS. See Table 6-5 for LDOA1 output voltage options. LDOA2 and
LDOA3 share a power input pin (PVINLDOA2_A3). The output regulation voltages are set by writing to
LDOAx_VID[3:0] bits (Reg 0x9A, 0x9B, and 0xAE). See Table 6-6 for LDOA2 and LDOA3 output voltage
options. LDOA1 is controlled by LDOA1CTRL register. LDOA2 and LDOA3 can be controlled either by the
LDOLS_EN pin or by writing to the LDOA2_EN bit (Reg 0xA0) and the LDOA3_EN bit (Reg 0xA1) as long
as LDOLS_EN is low.
Table 6-5. LDOA1 Output Voltage Options
VID Bits
VOUT
VID Bits
VOUT
VID Bits
VOUT
VID Bits
VOUT
0000
1.35
0100
1.8
1000
2.3
1100
2.85
0001
1.5
0101
1.9
1001
2.4
1101
3.0
0010
1.6
0110
2.0
1010
2.5
1110
3.3
0011
1.7
0111
2.1
1011
2.7
1111
Not Used
Table 6-6. LDOA2 and LDOA3 Output Voltage Options
VID Bits
VOUT
VID Bits
VOUT
VID Bits
VOUT
VID Bits
VOUT
0000
0.70
0100
0.90
1000
1.10
1100
1.30
0001
0.75
0101
0.95
1001
1.15
1101
1.35
0010
0.80
0110
1.00
1010
1.20
1110
1.40
0011
0.85
0111
1.05
1011
1.25
1111
1.50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com