Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4225-RPM Datasheet(PDF) 18 Page - TEKTRONIX, INC.

Part # 4225-RPM
Description  4200A-SCS Parameter Analyzer
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

4225-RPM Datasheet(HTML) 18 Page - TEKTRONIX, INC.

Back Button 4225-RPM Datasheet HTML 14Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 15Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 16Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 17Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 18Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 19Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 20Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 21Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 22Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 45 page
background image
TEK.COM 19
4200A-SCS Parameter Analyzer
3. Multi-Frequency Capacitance-Voltage Unit
4210-CVU General Information
Measurement configuration
Four-terminal pair, High POT, High CUR, Low POT, Low CUR
Output connectors
Four SMA (f)
Supplied cable
100 Ω, SMA (m) to SMA (m), 1.5 m, 4 each
Optional cables
100 Ω, SMA (m) to SMA (m), 3 m
Measurement Functions
Measurement parameters
C
P–G, CP–D, CS–RS, CS–D, R–jX, Z-theta
Ranging
Auto and fixed
Integration time
Fast, Normal, Quiet, and Custom
Test Signal
Frequency range
1 kHz to 10 MHz
Minimum resolution
1 kHz, 10 kHz, 100 kHz, 1 MHz depending on frequency range
Source frequency accuracy
±0.1%
Signal output level range
10 mV rms to 100 mV rms
Resolution
1 mV rms
Accuracy
±(10.0% + 1 mV rms) unloaded (at rear panel)
Output impedance
100 Ω, typical
DC Bias Function
DC voltage bias range
±30 V (60 V differential)
DC voltage bias resolution
1.0 mV
DC voltage bias accuracy
±(0.5% + 5.0 mV) unloaded
Maximum DC current
10 mA
Sweep Characteristics
Available sweep parameters
DC bias voltage, frequency, AC voltage
Sweep type
Linear, custom
Sweep direction
Up sweep, down sweep
Number of measurement points
4096



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com