Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4225-RPM Datasheet(PDF) 30 Page - TEKTRONIX, INC.

Part # 4225-RPM
Description  4200A-SCS Parameter Analyzer
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

4225-RPM Datasheet(HTML) 30 Page - TEKTRONIX, INC.

Back Button 4225-RPM Datasheet HTML 26Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 27Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 28Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 29Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 30Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 31Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 32Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 33Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 34Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 45 page
background image
TEK.COM 31
4200A-SCS Parameter Analyzer
Pulse/Level 1
Pulse/Level1
4225-PMU with 4225-RPM
V
OUT
–10 V to +10 V
Accuracy2 into open load
±(0.5% ± 10 mV)
Resolution
<0.05 mV
Baseline noise
±(0.39% ± 1 mV) RMS typical
Overshoot/Pre-shoot/Ringing3
±2% of amplitude ±20 mV
Notes
1. Performance at the triax output connection of the 4225-RPM when using a 2 m RPM interconnect cable between the 4225-PMU
and 4225-RPM Remote Preamplifier/Switch Module.
2. 100 mV to 10 V.
3. Typical, with transistion time of 100 ns (0% to 100%).
RPM Voltage Measurement with the 4225-PMU
Timing parameters, typical 1
4225-RPM
Voltage measure range
10 V
Recommended minimum pulse width 2
160 ns
Recommended minimum measure window 2
20 ns
Recommended minimum transition time 3
20 ns
Noise 4
1 mV
Settling time 5
100 ns
Notes
1. All typical values measured with an open circuit.
2. Using default measure window of 75% to 90% of pulse top. Recommended minimum pulse width = (Settling Time) / 75%.
3. Recommended rise/fall time to minimize overshoot.
4. RMS noise measured over the Recommended Minimum Measure Window for the given voltage or current range, typical.
5. Time necessary for the signal to settle to the DC accuracy level. (Example: 10 mA settling time on the PMU 10 V range is defined when the
signal is within 1.25% of the final value. This calculation: Accuracy = 0.25% + 100 µA = 0.25% + (100 µA/10 mA) = 0.25% + 1% = 1.25%).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com