Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4225-RPM Datasheet(PDF) 9 Page - TEKTRONIX, INC.

Part # 4225-RPM
Description  4200A-SCS Parameter Analyzer
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

4225-RPM Datasheet(HTML) 9 Page - TEKTRONIX, INC.

Back Button 4225-RPM Datasheet HTML 5Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 6Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 7Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 8Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 9Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 10Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 11Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 12Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 13Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
Datasheet
TEK.COM
10
The 4200-CVU PWR option is also available to support:
• High power C-V measurements up to 400 V (200 V per
device terminal) for testing high power devices, such as
MEMS devices, LDMOS devices, and displays.
• DC currents up to 300 mA for measuring capacitance
when a transistor is turned on.
Ensure Validity of your Results
Unlike other C-V modules on the market, the 4210-CVU
is designed with unique, patented circuitry to support
features and diagnostic tools that ensure the validity of
your results.
• Switch the AC ammeter in software. This simple
feature ensures that you are measuring the AC
signal on the least noisy terminal, which will provide
a more useful measurement. Without having to
manually change cables, lift the prober needles, or
change the test setup, you have easily eliminated
potential mistakes.
Change AC and DC sources to least noisy terminal with a simple click
of the mouse.
• Move the DC bias to the terminal of choice.
With just a click in the Clarius Software, you can
change the terminal to which the DC bias is applied
to ensure proper control of the electric field.
• Real-time C-V meter. The real-time C-V meter displays
quick and accurate capacitance measurements with no
need to run a pre-programmed test. This is especially
useful to ensure you have an open and short circuit
before you perform a measurement compensation.
Additionally, you can use the real-time C-V meter for
troubleshooting your test setup and device under test.
Real-time capacitance measurements.
• Confidence Check. This diagnostic tool allows users
to check the integrity of open and short connections
and the connections to the DUT. When performing
an open or short test, an impedance and noise
measurement is made on the high and low sides of
the test circuit. This is especially useful to confirm that
contact has been made with the pads on a wafer or
that the switch matrix is connected properly. If the
Confidence check diagnostic test fails, additional
troubleshooting guidance is given.
Local Switching Options
Because it can be difficult to switch between C-V and
other measurement types, the 4200A-SCS offers several
options to switch easily between measurement types:
• 4200A-CVIV Multi-Switch Module – Up to four
channels that effortlessly switch between I-V and C-V
measurements. In addition, the C-V measurements
can be moved around the DUT without lifting the
prober needles or changing the test setup.
• 4225-RPM Remote Preamplifier/Switch Module
This acts as a multiplexer switch that automatically
switches between precision DC SMUs, C-V, and the
ultra-fast pulsed I-V instruments. In addition, the RPM
extends the low current measurement capability of the
4225-PMU Ultra-fast Pulsed I-V Instrument Module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com