Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4225-RPM Datasheet(PDF) 28 Page - TEKTRONIX, INC.

Part # 4225-RPM
Description  4200A-SCS Parameter Analyzer
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

4225-RPM Datasheet(HTML) 28 Page - TEKTRONIX, INC.

Back Button 4225-RPM Datasheet HTML 24Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 25Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 26Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 27Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 28Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 29Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 30Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 31Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 32Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 45 page
background image
TEK.COM 29
4200A-SCS Parameter Analyzer
Voltage Source, Best Performance
When the 4225-PMU is used as a voltage source only (no measurements of voltage or current), the timing performance is improved. The following
is provided to offer a clearer idea of best performance when used as a voltage source, as achievable under optimal conditions. This should not be
interpreted as a guarantee.
10 V Range
40 V Range
Rise Time
<10 ns
50 ns to 10 V, 100 ns to 40 V
Pulse Width
10 ns (FWHM)
50 ns (FWHM)
Period
20 ns
100 ns
Overshoot/
Preshoot/Ringing
±(2% + 20 mV)
±(0.5% + 40 mV)
Trigger
Trigger output impedance
50 Ω
Trigger output level
TTL
Trigger in impedance
10 kΩ
Trigger in level
TTL
Trigger in transition timing, maximum
<100 ns
Trigger in to pulse output delay
400 ns
Trigger synchronization/jitter 1
<2 ns
Segment ARB® and Timing
Segment ARB capabilities are available with the 4225-PMU and 4220-PGU, with or without the 4225-RPM Remote Preamplifier/Switch Module.
Max. Number of Segments
2048 per PMU channel
Max. Number of Sequences
512 per PMU channel
Max. Number of Sequence Loops 1012
Time per Segment
20 ns to 40 s
Segment Timing Resolution
10 ns
Control Parameters for Each Segment
Start V
Stop V
Duration
Measurement window (PMU or PMU+RPM only)
Measurement type (PMU or PMU+RPM only)
RMS Jitter (Segment)
0.01% + 200 ps typical
Notes
1. For multiple 4225-PMU or 4220-PGU cards in a single 4200A-SCS chassis



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com