Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4225-RPM Datasheet(PDF) 20 Page - TEKTRONIX, INC.

Part # 4225-RPM
Description  4200A-SCS Parameter Analyzer
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

4225-RPM Datasheet(HTML) 20 Page - TEKTRONIX, INC.

Back Button 4225-RPM Datasheet HTML 16Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 17Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 18Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 19Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 20Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 21Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 22Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 23Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 24Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 45 page
background image
TEK.COM 21
4200A-SCS Parameter Analyzer
4. CV-IV Multi-Switch Module
The C-V/I-V Multi-Switch automatically switches between I-V and C-V measurements. In addition,
C-V measurements can be moved to any output channel without recabling. Each channel is user
configurable for low current measurement capabilities using the 4200-PA preamplifier or standard
current resolution with a SMU Pass Thru 4200A-CVIV-SPT.
4200A-CVIV General Information
Input connectors
4200-PA Preamplifier: Custom, 15-pin, D-Sub (m)
4200-CVIV-SPT SMU Pass-thru Module: Two triaxial (f) per module
CVU: Four SMA (f)
CVIV Ground Unit: Mini-triaxial
Output connectors
Eight triaxial (f)
Dimensions
19.8 cm wide × 14.2 cm high × 11.1 cm deep
(7.8 in. wide × 5.6 in. tall × 4.4 in. deep)
Weight
1.5 kg (3.3 lb)
Power
From 4200A-SCS mainframe via USB cable
Output channels
Configurable up to 4 channels
Voltage, max.
210 V
Current, max.
1 A
SMU Path
With 4200-PA
With 4200A-CVIV-SPT
Offset current
<100 fA
<1 pA
Offset voltage
<100 µV
<100 µV
Shunt resistance
>1e15 Ω
>1e14 Ω
DC output resistance (2-wire)
1.5 Ω
1.5 Ω
DC output resistance (4-wire)
<100 mΩ
<100 mΩ
CVU Path
AC output impedance
100 Ω, typical (center pin to outer shield)
Accuracy, typical
Refer to chart below
CVU DC Bias Function, using 4210-CVU Instrument
DC biasing of AC signals is provided by the 4210-CVU instrument module.
Range
±30V at 10 mA max. (60 V differential)
Resolution
1 mV
Additional errors (for CVU bias)
<50 µV
DC output resistance (4 wire)
<100 mΩ
Typical Accuracy of 4210-CVU through the 4200A-CVIV Multi-Switch, 2-wire mode unless otherwise noted 1,3
Measured Capacitance
1 kHz
10 kHz
100 kHz
1 MHz
1 pF
Not Specified
±9.0%
±2.2%
±0.7%
10 pF
Not Specified
±1.0%
±0.5%
±0.5%
100 pF
Not Specified
±0.5%
±0.5%
±0.5%
1 nF
±0.8%
±0.5%
±0.5%
±0.5% 2
10 nF
±0.5%
±0.5%
±0.5%
±0.75% 2
100 nF
±0.5%
±0.5%
±0.5%
±1.25% 2
1 µF
±0.5%
±0.5%
Not Specified
Not Specified
Notes
1. Valid when CVU compensation is applied from a <1 month old compensation acquisition.
2. Specified in 4-wire mode; 4-wire always recommended for low impedance devices
3. The specifications above are typical, non-warranted, apply at 25˚C, and are provided solely as useful information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com