Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4225-RPM Datasheet(PDF) 1 Page - TEKTRONIX, INC.

Part # 4225-RPM
Description  4200A-SCS Parameter Analyzer
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

4225-RPM Datasheet(HTML) 1 Page - TEKTRONIX, INC.

  4225-RPM Datasheet HTML 1Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 2Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 3Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 4Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 5Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 6Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 7Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 8Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 9Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
See your innovations come to life. The 4200A-SCS is a
customizable and fully-integrated parameter analyzer
that provides synchronized insight into current-voltage
(I-V), capacitance-voltage (C-V), and ultra-fast pulsed I-V
characterization. The highest performance parameter
analyzer, the 4200A-SCS accelerates semiconductor,
materials, and process development.
The 4200A-SCS ClariusTM GUI-based Software provides
clear, uncompromised measurement and analysis
capability. Furnished with embedded measurement
expertise and hundreds of ready-to-use application
tests, Clarius Software enables you to dig deeper into
your research with speed and confidence.
The 4200A-SCS Parameter Analyzer is completely
customizable and fully upgradable, so you can add the
instruments you need now – or later. With the 4200A-SCS
Parameter Analyzer, making connections to your bold
discoveries has never been easier.
Key Performance Specifications
I-V Source Measure Unit (SMU)
• ±210 V/100 mA or ±210 V/1 A modules
• 100 fA measure resolution
• 10 aA measure resolution with optional preamp
• 10 mHz – 10 Hz very low frequency capacitance
measurements
• 100 µF load capacitance
• 4-quadrant operation
• 2 or 4-wire connections
C-V Multi-frequency Capacitance Unit (CVU)
• AC impedance measurements (C-V, C-f, C-t)
• 1 kHz – 10 MHz frequency range
• ±30 V (60 V differential) built-in DC bias, expandable
to ±210 V (420 V differential)
• Simple switching between I-V and C-V
measurements with the optional CVIV Multi-Switch
Pulsed I-V Ultra-fast Pulse Measure Unit (PMU)
• Two independent or synchronized channels of
high-speed pulsed I-V source and measure
• 200 MS/s, 5 ns sampling rate
• ±40 V (80 V
p-p ), ±800 mA
• Transient waveform capture mode
• Arbitrary waveform generator for multi-level pulse
waveform with 10 ns programmable resolution
High Voltage Pulse Generator Unit (PGU)
• Two channels of high-speed pulsed V source
• ±40 V (80 V
p-p ), ±800 mA
• Arbitrary waveform generator Segment ARB®
mode for multi-level pulse waveform with 10 ns
programmable resolution
I-V/C-V Multi-Switch Module (CVIV)
• Easily switch between I-V and C-V measurements
without re-cabling or lifting prober needles
• Move the C-V measurement to any terminal without
re-cabling or lifting prober needles
• ±210 V DC bias capable
Remote Preamplifier/Switch Module (RPM)
• Automatically switches between I-V, C-V, and
ultra-fast pulsed I-V measurements
• Extends current sensitivity of the 4225-PMU
to tens of picoamps
• Reduces cable capacitance effects
4200A-SCS Parameter Analyzer
Datasheet
WINDOWS
10


Similar Part No. - 4225-RPM

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
4225 POMONA-4225 Datasheet
21Kb / 1P
Maxigrabber Test Clip
logo
Heyco.
4225 HEYCO-4225 Datasheet
104Kb / 1P
Shorty Cable Holders
logo
Adafruit Industries
4225 ADAFRUIT-4225 Datasheet
181Kb / 2P
NVIDIA Jetbot Parts Pack
5-7-19
logo
Heyco.
4225F HEYCO-4225F Datasheet
104Kb / 1P
Shorty Cable Holders
More results

Similar Description - 4225-RPM

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE239 NTE-NTE239 Datasheet
23Kb / 2P
Silicon Controlled Switch (SCS)
logo
Agilent(Hewlett-Packard...
4155C HP-4155C Datasheet
230Kb / 14P
Parameter Analyzer
logo
List of Unclassifed Man...
EA50-SCS ETC1-EA50-SCS Datasheet
169Kb / 1P
SCS CALIBRATION STANDARDS
logo
E-SWITCH
34-PP27U12B2 E-SWITCH-34-PP27U12B2 Datasheet
72Kb / 1P
DENOTES CRITICAL PARAMETER
logo
Infineon Technologies A...
IKQ120N60TA INFINEON-IKQ120N60TA Datasheet
2Mb / 16P
very tight parameter distribution
Rev.2.2,2014-11-21
IHW20N65R5 INFINEON-IHW20N65R5 Datasheet
1Mb / 15P
very tight parameter distribution
Rev.2.2,2014-11-27
logo
STMicroelectronics
STGW80H65DFB-4 STMICROELECTRONICS-STGW80H65DFB-4 Datasheet
937Kb / 16P
Tight parameter distribution
06-Mar-2017
STGWA80H65DFB STMICROELECTRONICS-STGWA80H65DFB Datasheet
908Kb / 17P
Tight parameter distribution
17-Nov-2016
logo
List of Unclassifed Man...
RPI-16MM-LENS ETC-RPI-16MM-LENS Datasheet
135Kb / 1P
Parameter of Lens
XT150-M ETC-XT150-M Datasheet
490Kb / 2P
Material & Parameter
V1. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com