Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4225-RPM Datasheet(PDF) 7 Page - TEKTRONIX, INC.

Part # 4225-RPM
Description  4200A-SCS Parameter Analyzer
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

4225-RPM Datasheet(HTML) 7 Page - TEKTRONIX, INC.

Back Button 4225-RPM Datasheet HTML 3Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 4Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 5Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 6Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 7Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 8Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 9Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 10Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 11Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
Datasheet
TEK.COM
8
2. Source Measure Units (SMU)
Precision DC current vs. voltage (I-V) measurements are
the cornerstone of device and materials characterization.
World-class source measure unit (SMU) instruments
are at the core of the 4200A-SCS Parameter Analyzer.
A source measure unit can source either voltage or
current and can simultaneously measure both voltage
and current with high resolution and accuracy. The
SMU integrates the voltage source, current source,
ammeter and voltmeter in one instrument card for tight
synchronization of I-V measurements.
A source measure unit has four-quadrant capability, which
means it can not only source but also sinks current, as
when taking current from a device under test (DUT), such
as a charged capacitor or solar cell.
I-V sweep measurement.
The 4200A-SCS Parameter Analyzer can be configured
with up to nine SMUs. Four SMU models are available:
two medium power SMUs that have a range up to 210 V
and 100 mA and two high power SMUs that have a range
up to 210 V and 1 A. The 4201 and 4211 SMUs can
source into a fixture with a load capacitance of up to 10 µF
and 100 µF respectively depending on the current range.
(There is no spcified max fixture capacitance for the 4200
and 4210 SMUs, and they may oscillate when sourcing
into fixtures with higher than typical capacitances.)
All 4200A-SCS SMUs have shielded triaxial connections
with active guarding for low current and high impedance
measurements and 4-wire (Kelvin) force and sense
connections.
Field Installable SMUs
Need to replace or add SMUs to your existing 4200A-SCS
mainframe? Now available, a first-in-class field installable
SMU and SMU/PA. Eliminate the time-consuming
requirement of returning your parameter analyzer to
a service center just to add or replace SMUs. These
distinct SMUs can be installed at your facility and will
maintain their specifications over the standard one year
calibration cycle.
Extend Measurement Resolution to 10 aA
Many critical applications demand the ability to measure
very low currents – such as determining the gate leakage
current of FETs, testing sensitive nano-scale devices, and
measuring leakage current of insulators and capacitors.
When the SMUs are configured with the optional 4200-PA
Remote Preamp, they are capable of exceptionally low
current measurements. The 4200-PA provides 10 aA
resolution by adding additional current ranges to either
SMU model. To the user, the SMU simply appears to
have additional measurement resolution available.
Sub-fA measurements with optional 4200-PA preamplifier module.
The preamplifier is shipped installed on the back of
the 4200A-SCS mainframe. This installation allows for
standard cabling to a prober, test fixture or switch matrix.
The preamplifier can be removed from the back panel
and placed in a remote location (such as in a light-tight
enclosure or on a prober platen) to eliminate measurement
problems due to long cables. Platen mounts and triax
panel mount accessories are available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com