Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4225-RPM Datasheet(PDF) 41 Page - TEKTRONIX, INC.

Part # 4225-RPM
Description  4200A-SCS Parameter Analyzer
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

4225-RPM Datasheet(HTML) 41 Page - TEKTRONIX, INC.

Back Button 4225-RPM Datasheet HTML 37Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 38Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 39Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 40Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 41Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 42Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 43Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 44Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 45Page - TEKTRONIX, INC.  
Zoom Inzoom in Zoom Outzoom out
 41 / 45 page
background image
Datasheet
TEK.COM
42
13. General Specifications
Mainframe Display
15.6 in. LCD, capacitive touchscreen
1920 × 1080 full HD
10 point touch
External Display
External VGA, HDMI, or Display Port: The system is designed to work with an external monitor of
resolution 1920 × 1080
Temperature Range
Operating: +10° to +40°C
Storage:
–15° to +60°C
Humidity Range
Operating: 5% to 80% RH, non-condensing
Storage:
5% to 90% RH, non-condensing
Altitude
Operating: 0 to 2000 m
Storage:
0 to 4600 m
Power Requirements
100 V to 240 V, 50 to 60 Hz
Maximum VA
1000 VA
Regulatory Compliance
Safety: European Low Voltage Directive. NRTL listed by Intertek for the US and Canada.
EMC: European EMC Directive
Dimensions
43.6 cm wide × 22.3 cm high × 56.5 cm deep (175⁄32 in × 8¾ in × 22¼ in)
Weight (approx.)
29.7 kg (65.5 lb) for typical configuration of four SMUs
I/O Ports
USB, SVGA, Display Port, RS-232, GPIB, Ethernet, mouse, keyboard, audio
Ground Unit
Voltage error when using the ground unit is included in the 4200-SMU, 4210-SMU, and 4200-PA
specifications. No additional errors are introduced when using the ground unit.
Output Terminal Connection
Dual triaxial, 5-way binding post
Maximum Current
2.6 A using dual triaxial connection; 9.5 A using 5-way binding posts
Load Capacitance
No limit
Cable Resistance
FORCE ≤1 Ω, SENSE ≤10 Ω
LCD Display Pixel Guideline
LCD displays are made up of a matrix of pixels, with each pixel consisting of red, green, and blue sub-
pixels. These pixels and sub-pixels can become fixed in an unchanging state resulting in permanently
black, white, or colored spots on the display. These are typically categorized as Bright or Black pixel (or
dot) defects.
Bright dot defect: A dot that is always lit, either as a white or colored dot, visible on a black check pattern.
Black dot defect: A dot that appears as either black or purple (magenta) on red, green, and/or blue
check patterns.
The LCD display used in the 4200A-SCS is permitted to have a maximum of 6 (six) bright dot defects
upon receipt of a new instrument. A maximum of three bright dot defect pairs (adjacent defective dots) are
permitted. Three adjacent bright dots are not permitted under the pixel guideline.
The LCD display is permitted to have a maximum of 5 (five) black dot defects. Two adjacent black dot
defects are to be counted as a single black dot defect. A maximum of three black dot defect pairs
(adjacent defective dots) are permitted. Three adjacent black dot defects are not permitted under the
pixel guideline.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com