Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4225-RPM Datasheet(PDF) 26 Page - TEKTRONIX, INC.

Part # 4225-RPM
Description  4200A-SCS Parameter Analyzer
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

4225-RPM Datasheet(HTML) 26 Page - TEKTRONIX, INC.

Back Button 4225-RPM Datasheet HTML 22Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 23Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 24Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 25Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 26Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 27Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 28Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 29Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 30Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 45 page
background image
TEK.COM 27
4200A-SCS Parameter Analyzer
Trigger
Trigger output impedance
50 Ω
Trigger output level
TTL
Trigger in impedance
10 kΩ
Trigger in level
TTL
Trigger in transition timing,
maximum
<100 ns
Trigger in to pulse output delay
400 ns
Trigger synchronization/jitter1
<2 ns
Segment ARB® and Timing
Segment ARB capabilities are available with the 4225-PMU and 4220-PGU, with or without the 4225-RPM Remote Preamplifier/Switch Module.
Max. Number of Segments 2
2048
Max. Number of Sequences 2
512
Max. Number of Sequence Loops 1012
Time per Segment
20 ns to 40 s
Segment Timing Resolution
10 ns
Control Parameters for Each Segment
Start V
Stop V
Duration
Measurement window (PMU or PMU+RPM only)
Measurement type (PMU or PMU+RPM only)
RMS Jitter (Segment)
0.01% + 200 ps typical
Notes
1. For multiple 4225-PMU or 4220-PGU cards in a single 4200A-SCS chassis
2. Per channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com