Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4225-RPM Datasheet(PDF) 34 Page - TEKTRONIX, INC.

Part # 4225-RPM
Description  4200A-SCS Parameter Analyzer
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

4225-RPM Datasheet(HTML) 34 Page - TEKTRONIX, INC.

Back Button 4225-RPM Datasheet HTML 30Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 31Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 32Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 33Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 34Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 35Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 36Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 37Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 38Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 45 page
background image
TEK.COM 35
4200A-SCS Parameter Analyzer
10. Clarius+ Software
Clarius+ software provides a variety of tools for operating and maintaining the 4200A-SCS parameter analyzer.
Furnished Software Modules
Clarius
The graphical user interface for testing and characterizing your devices, materials and processes. Clarius
software provides a unified measurement interface that guides you through complex characterization
tests, enabling you to focus on your research or development projects.
Keithley User Library Tool (KULT) Assists test engineers to create custom test routines as well as use existing Keithley and third-party
C-language subroutine libraries. Users can edit and compile subroutines, then integrate libraries of
subroutines with Clarius, allowing the 4200A-SCS to control an entire test rack from a single user interface.
Requires optional 4200-Compiler.
Keithley External Control Interface (KXCI)
Controls the 4200A-SCS from an external computer via GPIB bus or Ethernet.
Keithley Configuration Utility (KCon)
Allows test engineers to define the configuration of GPIB instruments, switch matrices, and analytical
probers connected to the 4200A-SCS. It also provides diagnostic functions.
KPulse
A graphical user interface that is a non-programming alternative to configure and control the installed
4225-PMU or 4220-PGU pulse generator modules. It is used for quick tests requiring minimal interaction
with other 4200A-SCS test resources.
Clarius User Interface Software
Clarius is the resident user interface software running on the 4200A-SCS. Clarius runs on the
embedded Windows 7 operating system. It provides test plan selection and development, advanced
test configurations, parameter analysis and graphing, and automation capabilities required for modern
semiconductor device, materials and process characterization.
Data Analysis
Two methods of parameter extraction are available. The Formulator executes data transformations for
performing automated line fits and parameter extraction. A spreadsheet offers standard spreadsheet
analysis tools. Many of the sample libraries include parameter extraction examples.
Formulator
The Formulator supports mathematical functions, conversion functions, search functions, common industry
constants and line fit/parameter extraction functions. The Formulator supports the following functions:
Mathematical Functions
Addition (+), subtraction (-), division (/), multiplication (*), exponent (^), absolute value (ABS), value at an
index position (AT), average (AVG), moving average (MAVG), conditional computation (COND), derivative
(DELTA), differential coefficient (DIFF), exponential (EXP), square root (SQRT), natural logarithm (LN),
logarithm (LOG), integral (INTEG), standard deviation (STDEV), moving summation (SUMMV), arc cosine
(ACOS), arc sine (ASIN), arc tangent (ATAN), cosine (COS), sine (SIN), tangent (TAN)
Conversion Functions
Radians to degrees (DEG), degrees to radians (RAD)
Line Fits and Parameter Extraction Functions
Exponential line fit (EXPFIT), coefficient a (EXPFITA), coefficient b (EXPFITB), linear fit (LINFIT), linear slope
(LINFITSLP), x intercept (LINFITXINT), y intercept (LINFITYINT), logarithmic line fit (LOGFIT), coefficient
a (LOGFITA), coefficient b (LOGFITB), linear regression line fit (REGFIT), slope (REGFITSLP), x intercept
(REGFITXINT), y intercept (REGFITYINT), tangent line fit (TANFIT), slope (TANFITSLP), x intercept
(TANFITXINT), y intercept (TANFITYINT), polynomial line fit including POLYFIT2, POLY2COEFF, and
POLYNFIT, maximum value (MAX), minimum value (MIN), midpoint (MEDIAN)
Search Functions
Find down (FINDD), find up (FINDU), find using linear interpolation (FINDLIN), maximum position
(MAXPOS), minimum position (MINPOS), first position (FIRSTPOS), last position (LASTPOS), sub array
(SUBARRAY), return a specified number of points (INDEX)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com