Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4225-RPM Datasheet(PDF) 35 Page - TEKTRONIX, INC.

Part # 4225-RPM
Description  4200A-SCS Parameter Analyzer
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

4225-RPM Datasheet(HTML) 35 Page - TEKTRONIX, INC.

Back Button 4225-RPM Datasheet HTML 31Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 32Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 33Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 34Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 35Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 36Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 37Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 38Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 39Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 45 page
background image
Datasheet
TEK.COM
36
Formulator Constants
The Formulator supports user-supplied constants for use in parameter extractions.
These constants are factory installed:
PI = 3.14159 rad (π)
K = 1.38065 × 10–23 J/K (Boltzmann’s constant)
Q = 1.60218 × 10–19 C (Charge of electron)
M
0 = 9.10938 × 10
–31
kg (Electron mass)
E
V = 1.60218 × 10
–19
J (Electron Voltage)
U
0 = 1.25664 × 10
–6
N/A2 (Permeability)
E
0 = 8.85419 × 10
–12
F/m (Permittivity of a Vacuum)
H = 6.62607 × 10–34 m2 * kg/s (Planck’s constant)
C = 2.99792 × 10+8 m/s (Speed of light)
KT/Q = 0.02568 V (Thermal Voltage)
Automation
Test Sequencing
Clarius provides point-and-click test sequencing on a device, a group of devices (subsite, module, or test
element group), or a user-programmable number of probe sites on a wafer.
Prober Control
Keithley provides integrated prober control for supported analytical probers when test sequencing is
executed on a user-programmable number of probe sites on a wafer. Contact the factory for a list of
supported analytical probers. A manual prober mode prompts the operator to perform prober operations
during the test sequence.
Supported Probers
Manual Prober
Use the manual prober driver to test without utilizing automatic prober functionality. Manual prober
replaces all computer control of the prober with that of the operator. At each prober command, a dialog
box appears, instructing the operator what operation is required.
Fake Prober
The Fake prober is useful when prober actions are not desired, such as when debugging, without having to
remove prober commands from a sequence.
Supported Semi-automatic (Analytical) Probers
FormFactor (formerly Cascade Microtech) SummitTM 12K Series - Verified with Nucleus UI,
compatible with Velox
Karl Suss Model PA-200 - Verified with Wafermap for ProberBench NT, NI-GPIB Driver for ProberBench
NT, PBRS232 Interface for ProberBench NT, Navigator for ProberBench NT, Remote Communicator for
ProberBench NT
MicroManipulator 8860 Prober - Verified with pcBridge, pcLaunch, pcIndie, pcWfr, pcNav, pcRouter
Signatone CM500 driver also works with other Signatone probers with interlock controller such as the
WL250 and S460SE
Wentworth Laboratories Pegasus™ FA Series
Other probers supported but not listed
Supported Cryogenic Temperature Controllers
LakeShore Model 336 Cryogenic Temperature Controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com