Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4225-RPM Datasheet(PDF) 38 Page - TEKTRONIX, INC.

Part # 4225-RPM
Description  4200A-SCS Parameter Analyzer
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

4225-RPM Datasheet(HTML) 38 Page - TEKTRONIX, INC.

Back Button 4225-RPM Datasheet HTML 34Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 35Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 36Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 37Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 38Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 39Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 40Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 41Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 42Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 45 page
background image
TEK.COM 39
4200A-SCS Parameter Analyzer
4220-PGU
High Voltage Pulse Generator
(4) CA-404B SMA-to-SMA 50 Ω cables, 2 m (6.6 ft)
(2) 4200-PRB-C SMA-to-SSMC Y-Cable Assembly, 15 cm (6 in.)
4200A-CVIV
I-V, C-V Multi-switch Module
(2) 4200A-CVIV-SPT SMU Pass-Thru Modules
(2) 214543500 Slot Blockers
(1) 174691500 USB Cable
(1) 4200-MTRX-2 Mini Ultra Low Noise Triax Cable, 2 m (6.6 ft)
NOTE: For each SMU connected through the 4200A-CVIV, one 4200A-CVIV-SPT or one 4200-PA is required.
Switching Systems and Cards
707B
6-slot Switching Matrix Mainframe
CA-180-4A CAT 5 Ethernet Crossover Cable, 1 m (3.3 ft)
CA-179-2A CAT 5 Ethernet Cable 3 m (10 ft)
CO-7 Line Cord
Rear Fixed Rack Mount Hardware
708B
Single-slot Switching Matrix Mainframe
CA-180-4A CAT 5 Ethernet Crossover Cable, 1 m (3.3 ft)
CA-179-2A CAT 5 Ethernet Cable 3 m (10 ft)
CO-7 Line Cord
7072
8×12, Semiconductor Matrix Card
7174A
8×12, High Speed, Low Leakage Current, Matrix Card



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com