Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4225-RPM Datasheet(PDF) 36 Page - TEKTRONIX, INC.

Part # 4225-RPM
Description  4200A-SCS Parameter Analyzer
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

4225-RPM Datasheet(HTML) 36 Page - TEKTRONIX, INC.

Back Button 4225-RPM Datasheet HTML 32Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 33Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 34Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 35Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 36Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 37Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 38Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 39Page - TEKTRONIX, INC. 4225-RPM Datasheet HTML 40Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 45 page
background image
TEK.COM 37
4200A-SCS Parameter Analyzer
Keithley User Library Tool (KULT)
(Requires optional 4200-COMPILER)
The Keithley User Library Tool supports creating and integrating C-language subroutine libraries with the test environment. User library modules
are accessed in Clarius through User Test Modules. Factory supplied libraries provide up and running capability for supported instruments.
Users can edit and compile subroutines, then integrate libraries of subroutines with Clarius, allowing the 4200A-SCS to control an entire test
rack from a single user interface.
System Configuration and Diagnostics (KCon)
The Keithley Configuration Utility (KCon) simplifies programming and maintaining a fully integrated test station. KCon provides a single interface for
configuring external instruments, switch matrices, and analytical probers, and for executing system diagnostics.
External Instrument Configuration KCon allows lab managers to integrate external instruments with the 4200A-SCS and a supported switch
matrix. After the user configures the GPIB addresses for supported instruments, Keithley-supplied
libraries will function and test modules can be transferred between 4200A-SCS systems without any user
modification. In addition to the standard supported instruments, the General Purpose Instrument allows
users to develop subroutines and control switches for a generic two-terminal or four-terminal instrument.
For the widest possible system extensibility, users can develop their own test libraries for general purpose
instruments.
Switch Matrix Configuration
Users define the connection of 4200A-SCS instruments and external instruments to device under
test (DUT) pins through a supported switch matrix configuration. (See Switch Matrix Support and
Configurations.) Once connections are defined, users need only enter the instrument terminal name and
pin number to establish connections. The 4200A-SCS applications and standard user libraries manage the
routing of test signals between instrument terminals and DUT pins. The user doesn’t need to remember
and program row and column closures. Test modules can transfer between 4200A-SCS systems without
re-entering connection information.
4200A-SCS Instrument Diagnostics
Users can confirm system integrity of SMUs, C-V measurement unit, pulse generator, oscilloscopes,
and remote preamplifiers by running a system self-test. For more complex problems, the system’s
configuration analysis tool can generate reports that assist the Technical Support staff of Keithley in
diagnosing problems.
Keithley External Control Interface (KXCI)
With KXCI, you can use an external computer to control the SMUs and CVU modules in the 4200A-SCS directly. KXCI also provides you with
indirect control of the Ultra-fast I-V Pulse Measure Unit, using UTMs via either the built-in GPIB or Ethernet. For the SMUs, the KXCI command
set includes an HP 4145 compatibility mode, allowing many programs already developed for the HP4145 to use the 4200A-SCS instead.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com